công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAT4237 bảng dữ liệu(PDF) 2 Page - Catalyst Semiconductor

tên linh kiện CAT4237
Giải thích chi tiết về linh kiện  High Voltage CMOS Boost White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CATALYST [Catalyst Semiconductor]
Trang chủ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4237 bảng dữ liệu(HTML) 2 Page - Catalyst Semiconductor

  CAT4237 Datasheet HTML 1Page - Catalyst Semiconductor CAT4237 Datasheet HTML 2Page - Catalyst Semiconductor CAT4237 Datasheet HTML 3Page - Catalyst Semiconductor CAT4237 Datasheet HTML 4Page - Catalyst Semiconductor CAT4237 Datasheet HTML 5Page - Catalyst Semiconductor CAT4237 Datasheet HTML 6Page - Catalyst Semiconductor CAT4237 Datasheet HTML 7Page - Catalyst Semiconductor CAT4237 Datasheet HTML 8Page - Catalyst Semiconductor CAT4237 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT4237
© 2005 Catalyst Semiconductor, Inc.
2 of 13
Doc. No. 5013, Rev. A
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, FB voltage
-0.3 to +7
V
SHDN* voltage
-0.3 to +7
V
SW voltage
-0.3 to 60
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +125
°C
Lead Temperature
300
°C
RECOMMENDED OPERATING CONDITIONS
Typical application circuit with external components are shown on page 1.
Parameter
Range
Unit
VIN
2.8 to 5.5
V
SW pin voltage
0 to 30
V
Ambient Temperature Range
-40 to +85
°C
6, 7 or 8 LEDs
1 to 40
mA
ELECTRICAL OPERATING CHARACTERISTICS
VIN = 3.6V, ambient temperature of 25ºC (over recommended operating conditions unless specified
otherwise)
Symbol Parameter
Conditions
Min
Typ
Max
Unit
IQ
Operating Current
VFB = 0.2V
VFB = 0.4V (not switching)
0.6
0.1
1.5
0.6
mA
ISD
Shutdown Current
VSHDN* = 0V
0.1
1
µA
VFB
FB Pin Voltage
8 LEDs with ILED=20mA
285
300
315
mV
IFB
FB pin input leakage
1
µA
ILED
Programmed LED Current
R1 = 10
Ω
R1 = 15
Ω
R1 = 20
Ω
28.5
19
14.25
30
20
15
31.5
21
15.75
mA
VIH
VIL
SHDN* Logic High
SHDN* Logic Low
Enable Threshold Level
Shutdown Threshold Level
0.4
0.8
0.7
1.5
V
V
FSW
Switching Frequency
0.8
1.0
1.3
MHz
ILIM
Switch Current Limit
350
450
600
mA
RSW
Switch “On” Resistance
ISW = 100mA
1.0
2.0
Ω
ILEAK
Switch Leakage Current
Switch Off, VSW = 5V
1
5
µA
Thermal Shutdown
150
ºC
Thermal Hysteresis
20
ºC
VUVLO
Undervoltage Lockout
(UVLO) Threshold
1.9
V
VOV-SW
Overvoltage Threshold
35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com