công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMD232C3 bảng dữ liệu(PDF) 2 Page - Custom MMIC Design Services, Inc.

tên linh kiện CMD232C3
Giải thích chi tiết về linh kiện  2-9 GHz Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MMIC [Custom MMIC Design Services, Inc.]
Trang chủ  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD232C3 bảng dữ liệu(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD232C3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD232C3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD232C3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD232C3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD232C3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD232C3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD232C3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD232C3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD232C3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD232C3
CMD232C3
CMD232C3
2-9 GHz Driver Amplifier
Parameter
Min
Typ
Max
Units
Vdd
5.0
6.0
7.0
V
Idd
90
mA
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 6.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
7.5 V
RF Input Power
+15 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
665 mW
Thermal Resistance
97.5 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.1 1017
Parameter
Min
Typ
Max
Units
Frequency Range
2 - 9
GHz
Gain
12
15
19
dB
Noise Figure
4.5
dB
Input Return Loss
15
dB
Output Return Loss
13
dB
Output P1dB
15
17
dBm
Output IP3
23.5
dBm
Supply Current
60
90
120
mA
Gain Temperature
Coefficient
0.014
dB/°C
Noise Figure Temperature
Coefficient
0.012
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com