công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMD183C4 bảng dữ liệu(PDF) 10 Page - Custom MMIC Design Services, Inc.

tên linh kiện CMD183C4
Giải thích chi tiết về linh kiện  7.5-13 GHz I/Q Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MMIC [Custom MMIC Design Services, Inc.]
Trang chủ  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD183C4 bảng dữ liệu(HTML) 10 Page - Custom MMIC Design Services, Inc.

Back Button CMD183C4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD183C4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD183C4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD183C4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD183C4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD183C4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD183C4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. CMD183C4 Datasheet HTML 10Page - Custom MMIC Design Services, Inc. CMD183C4 Datasheet HTML 11Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.6 1017
Pin
Function
Description
Schematic
1, 2, 6-8, 10,
13, 17-24
N/C
No connection required. These pins may
be connected to RF/DC ground.
3, 5, 12, 14, 16
and die paddle
Ground
Connect to RF / DC ground.
4
RF
This pin is DC coupled and matched to 50
ohms.
9
IF1
This pin is DC coupled. For applications
not requiring operation to DC, this port
should be DC blocked externally using a
series capacitor whose value has been cho-
sen to pass the necessary IF frequency
range. For operation to DC, this pin must
not source or sink more than 16 mA of cur-
rent or part non-function or part failure may
result.
11
IF2
15
LO
This pin is AC coupled and matched to 50
ohms.
Pin Diagram
Functional Description
Pin Description
CMD183C4
CMD183C4
CMD183C4
7.5-13 GHz I/Q Mixer
GND
IF1 , IF 2
LO
RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com