| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS1021A bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
LS1021A bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 71 page ![]() Architecture TWR-LS1021A Reference Manual, Rev. 0 2-18 Freescale Semiconductor 2.13 2D ACE - Display Controller Port The LS1021A has an internal Display Control Unit (2D ACE), suitable for driving video at resolutions up to XVGA (1024 x 768 x 24 bpp x 60 Hz); higher resolutions such as UXGA may be possible depending on overall system memory bandwidth. The display buffer resides in main memory, with the R-G-B pixel data streaming out at a rate sufficient to maintain the LCD raster. Since the DCU handles all the raster generation, all that remains is to convert the data stream into a format suitable for the LCD displays. The DCU hardware signals are extracted from the QE_TDM port and then drives either DVI or HDMI ports onboard as in the below Figure 2-13. Figure 2-13. DIU architecture NOTE The DIU is an output-only port, so multiple levels of multiplexing and translation do not effect the output, as long as good signal integrity is maintained. 2.13.1 Display Control Unit (2D-ACE) programming/setup information The DCU needs to be programmed to generate the pixel data/clock/enables in order to properly drive the selected encoder. Specific encoder information follows, but for all three the following steps apply: • Program the DCU with the following information: |