công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNP-P209-S bảng dữ liệu(PDF) 2 Page - Skynet Electronic Copyright

tên linh kiện SNP-P209-S
Giải thích chi tiết về linh kiện  Medical & ITE General Purpose
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SKYNET [Skynet Electronic Copyright]
Trang chủ  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-P209-S bảng dữ liệu(HTML) 2 Page - Skynet Electronic Copyright

  SNP-P209-S Datasheet HTML 1Page - Skynet Electronic Copyright SNP-P209-S Datasheet HTML 2Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-Jim-
** This data sheet is only for models selection. For business, engineering specification by model must be used.
2-2
MAY 2018
Rated
200W
Max.
300W
Peak
400W
SNP-P20x-S Series
Medical & ITE
General Purpose
SNP-P207-S
+12V
0A 16.66A 25A 33.3A
+11.9V~+12.1V
85%
90%
90%
88%
+5Vsb
0A
1A
+4.5V~+5.5V
SNP-P209-S
+24V
0A 8.33A 12.25A 16.66A
+23.9V~+24.1V
85%
90%
90%
88%
+5Vsb
0A
1A
+4.5V~+5.5V
Output Specifications:
Note:
MODEL
OUTPUT
LOAD
INITIAL
STEP EFFICIENCY
AVERAGE
NO.
RAIL
MIN. RATED MAX.
PEAK
ACCURACY
@ 20% LOAD @ 50% LOAD @ 100% LOAD EFFICIENCY
1. Standby Power Cosumption with System:
For computers and displays, ENERGY STAR in U.S. and ErP regulation in Europe require the input power should be less than 0.5W at standby mode.
2. Output Load:
200W for convection cooling; 300W for forced air cooling.
3. Peak Load Duration:
Peak 400W can last for 5 sec.
4. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
5. Leakage Current:
Earth leakage current < 300uA
Touch current < 100uA
6. EMI Grounding:
If there is a metal sheet under the power supply, connect the EMI ground to that metal sheet.
7. Model Selection:
SNP-P20x-S is for ITE & medical applications.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com