công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LFEC bảng dữ liệu(PDF) 33 Page - Lattice Semiconductor

tên linh kiện LFEC
Giải thích chi tiết về linh kiện  LatticeECP/EC Family Data Sheet
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC bảng dữ liệu(HTML) 33 Page - Lattice Semiconductor

Back Button LFEC Datasheet HTML 29Page - Lattice Semiconductor LFEC Datasheet HTML 30Page - Lattice Semiconductor LFEC Datasheet HTML 31Page - Lattice Semiconductor LFEC Datasheet HTML 32Page - Lattice Semiconductor LFEC Datasheet HTML 33Page - Lattice Semiconductor LFEC Datasheet HTML 34Page - Lattice Semiconductor LFEC Datasheet HTML 35Page - Lattice Semiconductor LFEC Datasheet HTML 36Page - Lattice Semiconductor LFEC Datasheet HTML 37Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 117 page
background image
2-30
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
options for drive strength, bus maintenance (weak pull-up, weak pull-down, or a bus-keeper latch) and open drain.
Other single-ended standards supported include SSTL and HSTL. Differential standards supported include LVDS,
BLVDS, LVPECL, RSDS, differential SSTL and differential HSTL. Tables 2-13 and 2-14 show the I/O standards
(together with their supply and reference voltages) supported by the LatticeECP/EC devices. For further informa-
tion on utilizing the sysIO buffer to support a variety of standards please see the details of additional technical infor-
mation at the end of this data sheet.
Table 2-13. Supported Input Standards
Input Standard
VREF (Nom.)
VCCIO
1 (Nom.)
Single Ended Interfaces
LVTTL
—
—
LVCMOS33
2
——
LVCMOS25
2
——
LVCMOS18
—
1.8
LVCMOS15
—
1.5
LVCMOS12
2
——
PCI
—
3.3
HSTL18 Class I, II
0.9
—
HSTL18 Class III
1.08
—
HSTL15 Class I
0.75
—
HSTL15 Class III
0.9
—
SSTL3 Class I, II
1.5
—
SSTL2 Class I, II
1.25
—
SSTL18 Class I
0.9
—
Differential Interfaces
Differential SSTL18 Class I
—
—
Differential SSTL2 Class I, II
—
—
Differential SSTL3 Class I, II
—
—
Differential HSTL15 Class I, III
—
—
Differential HSTL18 Class I, II, III
—
—
LVDS, LVPECL, BLVDS, RSDS
—
—
1. When not specified VCCIO can be set anywhere in the valid operating range.
2. JTAG inputs do not have a fixed threshold option and always follow VCCJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com