| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LC231X bảng dữ liệu(PDF) 2 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
LC231X bảng dữ liệu(HTML) 2 Page - Future Technology Devices International Ltd. |
|
2 / 14 page ![]() Copyright © Future Technology Devices International Limited 2 LC231X Module Datasheet Version 1.1 Document Reference No.: FT_001388 Clearance No.: FTDI#516 2 Typical Applications USB to UART bridge Debugger / Programmer for embedded MCU e.g. Arduino USB IO extender for small 8-bit micro’s 2.1 Driver Support The LC231X requires USB drivers (listed below), available free from http://www.ftdichip.com, which are used to make the module appear as a virtual COM port (VCP). This allows the user to communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another FTDI USB driver, the D2XX driver, can also be used with application software to directly access the LC231X through a DLL. Both VCP and D2XX drivers support Windows auto-update. Royalty free VIRTUAL COM PORT (VCP) DRIVERS for... Windows 10 32,64-bit Windows 8/8.1 32,64-bit Windows 7 32,64-bit Windows CE 4.2, 5.0 and 6.0 Windows Server 2003, 2008 R2, 2012 Mac OS-X Linux 2.4 and greater Royalty free D2XX Direct Drivers (USB Drivers + DLL S/W Interface) Windows 10 32,64-bit Windows 8/8.1 32,64-bit Windows 7 32,64-bit Windows CE 4.2, 5.0 and 6.0 Windows Server 2003, 2008 R2, 2012 MAC OS-X Linux 2.4 and greater Android(J2xx) For driver installation, please refer to the installation guides on our website: http://www.ftdichip.com/Support/Documents/InstallGuides.htm 3 Ordering Information Part No. Description LC231X Low cost FT231X USB to UART module |