| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STUSB4710ADTR bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB4710ADTR bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 34 page ![]() STUSB4710 Package information DocID030499 Rev 4 25/34 9 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 9.1 QFN24 EP 4x4 mm package information Figure 10: QFN24 EP 4x4 mm package outline |