| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F411 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() System requirements 32F411EDISCOVERY 2/3 DocID027078 Rev 1 System requirements Windows PC (XP, 7, 8) USB type A to Mini-B cable. Development toolchains IAR EWARM (IAR Embedded Workbench®) Keil® MDK-ARM™ GCC-based IDE (Atollic® TrueSTUDIO®,...). Demonstration software The demonstration software is preloaded in the board Flash memory. It uses the button User and the LEDs to switch from a simple blinking of the LEDs to an indication of the movements of the board. Connect the board to a PC with a second USB cable, it is now recognized as a standard mouse. The latest versions of the demonstration source code and associated documentation can be downloaded from www.st.com/stm32f4-discovery. Ordering information To order the Discovery kit for STM32F411 line microcontrollers, use the order code: STM32F411E-DISCO. Revision history Table 1. Document revision history Date Revision Changes 04-Nov-2014 1 Initial version. |