| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLINKV3SET bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLINKV3SET bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() General information STLINK-V3SET 2/4 DB3692 Rev 1 General information The STLINK-V3SET embeds an STM32 32-bit microcontroller based on the Arm®(a) Cortex®-M processor. System requirements • Windows® OS (7, 8 and 10), Linux® 64-bit, or macOS®(b) • USB Type-A to Micro-B cable Development toolchains • Keil® MDK-ARM(c) • IAR™ EWARM(c) • GCC-based IDEs Ordering information To order the STLINK-V3SET, refer to Table 1. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and or elsewhere. b. macOS® is a trademark of Apple Inc. registered in the U.S. and other countries. c. On Windows® only. Table 1. Ordering information Order code Description STLINK-V3SET STLINK-V3 modular in-circuit debugger and programmer for STM8 and STM32. |