| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H5TQ2G83CFR-RDC bảng dữ liệu(PDF) 25 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TQ2G83CFR-RDC bảng dữ liệu(HTML) 25 Page - Hynix Semiconductor |
|
25 / 33 page ![]() Rev. 1.0 / Apr. 2013 25 Input/Output Capacitance Parameter Symbol DDR3-800 DDR3-1066 DDR3-1333 DDR3-1600 DDR3-1866 DDR3-2133 Units Notes Min Max Min Max Min Max Min Max Min Max Min Max Input/output capacitance (DQ, DM, DQS, DQS, TDQS, TDQS) CIO 1.4 3.0 1.4 2.7 1.4 2.5 1.4 2.3 1.4 2.2 1.4 2.1 pF 1,2,3 Input capacitance, CK and CK CCK 0.8 1.6 0.8 1.6 0.8 1.4 0.8 1.4 0.8 1.3 0.8 1.3 pF 2,3 Input capacitance delta CK and CK CDCK 0 0.15 0 0.15 0 0.15 0 0.15 0 0.15 0 0.15 pF 2,3,4 Input capacitance delta, DQS and DQS CDDQS 0 0.20 0 0.20 0 0.15 0 0.1500.1500.15 pF 2,3,5 Input capacitance (All other input-only pins) CI 0.75 1.4 0.75 1.35 0.75 1.3 0.75 1.3 0.75 1.2 0.75 1.2 pF 2,3,6 Input capacitance delta (All CTRL input-only pins) CDI_CTR L -0.5 0.3 -0.5 0.3 -0.4 0.2 -0.4 0.2 -0.4 0.2 -0.4 0.2 pF 2,3,7,8 Input capacitance delta (All ADD/CMD input-only pins) CDI_ADD _CMD -0.5 0.5 -0.5 0.5 -0.4 0.4 -0.4 0.4 -0.4 0.4 -0.4 0.4 pF 2,3,9,10 Input/output capacitance delta (DQ, DM, DQS, DQS) CDIO -0.5 0.3 -0.5 0.3 -0.5 0.3 -0.5 0.3 -0.5 0.3 -0.5 0.3 pF 2,3,11 Input/output capacitance of ZQ pin CZQ - 3 - 3 - 3 -3-3-3 pF 2,3,12 Notes: 1. Although the DM, TDQS and TDQS pins have different functions, the loading matches DQ and DQS. 2. This parameter is not subject to production test. It is verified by design and characterization. The capacitance is measured according to JEP147(“PROCEDURE FOR MEASURING INPUT CAPACITANCE USING A VECTOR NETWORK ANALYZER(VNA)”) with VDD, VDDQ, VSS,VSSQ applied and all other pins floating (except the pin under test, CKE, RESET and ODT as necessary). VDD=VDDQ=1.5V, VBIAS=VDD/2 and on-die termination off. 3. This parameter applies to monolithic devices only; stacked/dual-die devices are not covered here 4. Absolute value of CCK-CCK. 5. Absolute value of CIO(DQS)-CIO(DQS). 6. CI applies to ODT, CS, CKE, A0-A15, BA0-BA2, RAS, CAS, WE. 7. CDI_CTR applies to ODT, CS and CKE. 8. CDI_CTRL=CI(CNTL) - 0.5 * CI(CLK) + CI(CLK)) 9. CDI_ADD_CMD applies to A0-A15, BA0-BA2, RAS, CAS and WE. 10. CDI_ADD_CMD=CI(ADD_CMD) - 0.5*(CI(CLK)+CI(CLK)) 11. CDIO=CIO(DQ) - 0.5*(CIO(DQS)+CIO(DQS)) 12. Maximum external load capacitance an ZQ pin: 5 pF. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |