công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSR bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện SSR
Giải thích chi tiết về linh kiện  Disconnectable Insulation displacement connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SSR bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  SSR Datasheet HTML 1Page - List of Unclassifed Manufacturers SSR Datasheet HTML 2Page - List of Unclassifed Manufacturers SSR Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
309
3.5(.138)
2.2(.087)
1.0(.039)
1.0(.039)
A
B
Circuit No.1
B
2
3
4
5
6
8
9
10
11
12
13
14
02SSR-32H
03SSR-32H
04SSR-32H
05SSR-32H
06SSR-32H
08SSR-32H
09SSR-32H
10SSR-32H
11SSR-32H
12SSR-32H
13SSR-32H
14SSR-32H
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
A
1.0(.039)
2.0(.079)
3.0(.118)
4.0(.157)
5.0(.197)
7.0(.276)
8.0(.315)
9.0(.354)
10.0(.394)
11.0(.433)
12.0(.472)
13.0(.512)
3.0(.118)
4.0(.157)
5.0(.197)
6.0(.236)
7.0(.276)
9.0(.354)
10.0(.394)
11.0(.433)
12.0(.472)
13.0(.512)
14.0(.551)
15.0(.591)
Circuits
Model No.
Material and Finish
Contact: Phosphor bronze, tin-plated
Housing: Nylon 46, UL94V-0, gray
Q'ty / box
Dimensions mm(in.)
Header outline
0.6
±0.05
(.024
±.002)
1.0
±0.05
(.039
±.002)
4.5(.177)
1.0
±0.1(.039±.004)
1.2
±0.1
(.047
±.004)
Receptacle –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
PC board layout (viewed from component side) and Assembly layout ––––––––––––––––––
3.2(.126) 0.7(.028)
0.2(.008)
1.5
(.059)
1.3
(.051)
1.0(.039)
A
B
Circuit No.1
B
2
3
4
5
6
8
9
10
11
12
13
14
1.0(.039)
2.0(.079)
3.0(.118)
4.0(.157)
5.0(.197)
7.0(.276)
8.0(.315)
9.0(.354)
10.0(.394)
11.0(.433)
12.0(.472)
13.0(.512)
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4.6(.181)
5.6(.220)
6.6(.260)
7.6(.299)
8.6(.339)
10.6(.417)
11.6(.457)
12.6(.496)
13.6(.535)
14.6(.575)
15.6(.614)
16.6(.654)
A
SM02B-SSR-H-TB
SM03B-SSR-H-TB
SM04B-SSR-H-TB
SM05B-SSR-H-TB
SM06B-SSR-H-TB
SM08B-SSR-H-TB
SM09B-SSR-H-TB
SM10B-SSR-H-TB
SM11B-SSR-H-TB
SM12B-SSR-H-TB
SM13B-SSR-H-TB
SM14B-SSR-H-TB
Circuits
Q'ty / reel
Dimensions mm(in.)
Model No.
Material and Finish
Contact: Copper-alloy, copper-undercoated, tin/lead-plated
Wafer: Polyamide, UL-94V-0, gray
Solder tab: Brass, copper-undercoated, tin/lead-plated
Shrouded header –––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Note :
1.Tolerances are non-cumulative:
±0.05mm (±.002") for all centers.
2.The dimensions above should serve as a guideline. Contact JST for details.
Note : The products listed above are supplied on embossed-tape.
SSR CONNECTOR



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com