| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPS16632 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS16632 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 43 page ![]() IMON OUT UVLO + Current Sense 4.3 V 4.2 V + dVdT 2µA PORb UVLOb SWEN 25x TPS16630 16 Ÿ OVP + OVP 70 Ÿ X27.9 µ x ILIM 1.2V 1.12V 1.2 V 1.12 V Ramp Control Q Q SET CLR S R SHDNb Current Limit Amp Fast-Trip Comp (Threshold= 45A) PORb Gate Control Logic FLT Charge Pump GND TSD PORb UVLOb SHDNb Thermal Shutdown SHDN 4.17V Fault Latch Open/ Short detect 2.7V + 0.8V SHDNb TSD OLR SWEN * Only for Latch Mode P_IN P_IN CP MODE OLR 162 msec timer I(OUT) = I(OL) Timeout 31 PŸ 5 V Overload fault response (Auto-Retry/Latch-off) select detection 3V Q Q SET CLR S R 11.5 ms 10 µsec PGOOD 65 Ÿ Gate Enhanced (HS_FET) UVLOb SHDNb 10 ms 1.2 Meg IN 13 TPS1663 www.ti.com SLVSET9D – SEPTEMBER 2018 – REVISED AUGUST 2019 Product Folder Links: TPS1663 Submit Documentation Feedback Copyright © 2018–2019, Texas Instruments Incorporated 9.2 Functional Block Diagram |