| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECOS2WA121BA bảng dữ liệu(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOS2WA121BA bảng dữ liệu(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 4 page ![]() Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. 18 Large Can Aluminum Electrolytic Capacitors TS-HA Standard Ratings (continued) Cap. Panasonic Cap. Panasonic (µF) 120Hz 10k~100kHz 120Hz 20kHz Part Number (µF) 120Hz 10k~100kHz 120Hz 20kHz Part Number 180 20 x 35 0.90 1.26 0.921 0.461 ECOS2EA181AA 56 20 x 30 0.51 0.71 2.368 0.829 ECOS2TA560AA 220 20 x 40 1.00 1.40 0.754 0.377 ECOS2EA221AA 68 20 x 35 0.56 0.78 1.950 0.683 ECOS2TA680AA 68 22 x 20 0.40 0.56 2.926 1.463 ECOS2EA680BL 82 20 x 40 0.64 0.90 1.617 0.566 ECOS2TA820AA 68 22 x 25 0.40 0.56 2.438 1.219 ECOS2EA680BA 33 22 x 20 0.20 0.28 5.024 1.758 ECOS2TA330BL 100 22 x 25 0.55 0.77 1.658 0.829 ECOS2EA101BA 56 22 x 25 0.51 0.71 2.368 0.829 ECOS2TA560BA 150 22 x 25 0.75 1.05 1.105 0.553 ECOS2EA151BA 68 22 x 30 0.56 0.78 1.950 0.683 ECOS2TA680BA 180 22 x 30 0.90 1.26 0.921 0.461 ECOS2EA181BA 82 22 x 35 0.64 0.90 1.617 0.566 ECOS2TA820BA 220 22 x 30 1.00 1.40 0.754 0.377 ECOS2EA221BA 100 22 x 35 0.69 0.97 1.326 0.464 ECOS2TA101BA 270 22 x 35 1.10 1.54 0.614 0.307 ECOS2EA271BA 120 22 x 35 0.75 1.05 1.105 0.387 ECOS2TA121BA 330 22 x 40 1.20 1.68 0.502 0.251 ECOS2EA331BA 150 22 x 50 0.82 1.15 0.884 0.309 ECOS2TA151BA 390 22 x 45 1.30 1.82 0.425 0.213 ECOS2EA391BA 47 25 x 20 0.25 0.35 3.527 1.235 ECOS2TA470CL 100 25 x 20 0.50 0.70 1.989 0.995 ECOS2EA101CL 68 25 x 25 0.56 0.78 1.950 0.683 ECOS2TA680CA 180 25 x 25 0.90 1.26 0.921 0.461 ECOS2EA181CA 82 25 x 25 0.64 0.90 1.617 0.566 ECOS2TA820CA 220 25 x 25 1.00 1.40 0.754 0.377 ECOS2EA221CA 100 25 x 30 0.69 0.97 1.326 0.464 ECOS2TA101CA 270 25 x 30 1.10 1.54 0.614 0.307 ECOS2EA271CA 120 25 x 30 0.75 1.05 1.105 0.387 ECOS2TA121CA 330 25 x 35 1.20 1.68 0.502 0.251 ECOS2EA331CA 150 25 x 40 0.82 1.15 0.884 0.309 ECOS2TA151CA 390 25 x 35 1.30 1.82 0.425 0.213 ECOS2EA391CA 180 25 x 45 0.95 1.33 0.737 0.258 ECOS2TA181CA 470 25 x 45 1.40 1.96 0.353 0.176 ECOS2EA471CA 220 25 x 50 1.10 1.54 0.603 0.211 ECOS2TA221CA 560 25 x 50 1.50 2.10 0.296 0.148 ECOS2EA561CA 68 30 x 20 0.35 0.49 2.438 0.853 ECOS2TA680DL 150 30 x 20 0.65 0.91 1.326 0.663 ECOS2EA151DL 150 30 x 30 0.82 1.15 0.884 0.309 ECOS2TA151DA 270 30 x 25 1.10 1.54 0.614 0.307 ECOS2EA271DA 180 30 x 35 0.95 1.33 0.737 0.258 ECOS2TA181DA 330 30 x 25 1.20 1.68 0.502 0.251 ECOS2EA331DA 220 30 x 40 1.10 1.54 0.603 0.211 ECOS2TA221DA 390 30 x 30 1.30 1.82 0.425 0.213 ECOS2EA391DA 270 30 x 45 1.20 1.68 0.491 0.172 ECOS2TA271DA 470 30 x 35 1.40 1.96 0.353 0.176 ECOS2EA471DA 330 30 x 50 1.35 1.89 0.402 0.161 ECOS2TA331DA 560 30 x 35 1.50 2.10 0.296 0.148 ECOS2EA561DA 100 35 x 20 0.47 0.66 1.658 0.580 ECOS2TA101EL 680 30 x 45 1.70 2.38 0.244 0.122 ECOS2EA681DA 180 35 x 25 0.95 1.33 0.737 0.258 ECOS2TA181EA 820 30 x 50 2.00 2.80 0.202 0.101 ECOS2EA821DA 220 35 x 30 1.10 1.54 0.603 0.211 ECOS2TA221EA 220 35 x 20 0.87 1.22 0.904 0.452 ECOS2EA221EL 270 35 x 35 1.20 1.68 0.491 0.172 ECOS2TA271EA 470 35 x 30 1.40 1.96 0.353 0.176 ECOS2EA471EA 330 35 x 40 1.35 1.89 0.402 0.161 ECOS2TA331EA 560 35 x 30 1.50 2.10 0.296 0.148 ECOS2EA561EA 390 35 x 45 1.55 2.17 0.340 0.136 ECOS2TA391EA 680 35 x 35 1.70 2.38 0.244 0.122 ECOS2EA681EA 470 35 x 50 1.75 2.45 0.282 0.127 ECOS2TA471EA 820 35 x 40 2.00 2.80 0.202 0.101 ECOS2EA821EA 1000 35 x 45 2.20 3.08 0.199 0.099 ECOS2EA102EA 1200 35 x 50 2.30 3.22 0.166 0.083 ECOS2EA122EA 56 20 x 30 0.51 0.71 2.368 0.829 ECOS2GA560AA 56 22 x 25 0.40 0.56 2.368 0.947 ECOS2WA560BA 68 20 x 35 0.56 0.78 1.950 0.683 ECOS2GA680AA 68 22 x 30 0.50 0.70 1.950 0.780 ECOS2WA680BA 82 20 x 40 0.64 0.90 1.617 0.566 ECOS2GA820AA 82 22 x 35 0.56 0.78 1.617 0.647 ECOS2WA820BA 33 22 x 20 0.20 0.28 5.024 1.758 ECOS2GA330BL 100 22 x 40 0.64 0.90 1.326 0.531 ECOS2WA101BA 33 22 x 25 0.30 0.42 4.521 1.582 ECOS2GA330BA 120 22 x 45 0.72 1.01 1.105 0.442 ECOS2WA121BA 47 22 x 25 0.43 0.60 2.822 0.988 ECOS2GA470BA 150 22 x 50 0.79 1.11 0.884 0.354 ECOS2WA151BA 56 22 x 25 0.51 0.71 2.368 0.829 ECOS2GA560BA 68 25 x 25 0.50 0.70 1.950 0.780 ECOS2WA680CA 68 22 x 30 0.56 0.78 1.950 0.683 ECOS2GA680BA 100 25 x 30 0.64 0.90 1.326 0.531 ECOS2WA101CA 82 22 x 35 0.64 0.90 1.617 0.566 ECOS2GA820BA 120 25 x 35 0.72 1.01 1.105 0.442 ECOS2WA121CA 100 22 x 35 0.69 0.97 1.326 0.464 ECOS2GA101BA 150 25 x 40 0.79 1.11 0.884 0.354 ECOS2WA151CA 120 22 x 40 0.75 1.05 1.105 0.387 ECOS2GA121BA 180 25 x 45 0.87 1.22 0.737 0.295 ECOS2WA181CA 150 22 x 50 0.82 1.15 0.884 0.309 ECOS2GA151BA 220 25 x 50 1.00 1.40 0.678 0.271 ECOS2WA221CA 47 25 x 20 0.25 0.35 3.527 1.235 ECOS2GA470CL 100 30 x 25 0.64 0.90 1.326 0.531 ECOS2WA101DA 68 25 x 25 0.56 0.78 1.950 0.683 ECOS2GA680CA 150 30 x 30 0.79 1.11 0.884 0.354 ECOS2WA151DA 82 25 x 25 0.64 0.90 1.617 0.566 ECOS2GA820CA 180 30 x 35 0.87 1.22 0.737 0.295 ECOS2WA181DA 100 25 x 30 0.69 0.97 1.326 0.464 ECOS2GA101CA 220 30 x 40 1.00 1.40 0.678 0.271 ECOS2WA221DA 120 25 x 35 0.75 1.05 1.105 0.387 ECOS2GA121CA 270 30 x 45 1.17 1.64 0.614 0.246 ECOS2WA271DA 150 25 x 40 0.82 1.15 0.884 0.309 ECOS2GA151CA 330 30 x 50 1.38 1.93 0.502 0.201 ECOS2WA331DA 180 25 x 45 0.95 1.33 0.737 0.258 ECOS2GA181CA 150 35 x 25 0.79 1.11 0.884 0.354 ECOS2WA151EA 220 25 x 50 1.10 1.54 0.603 0.211 ECOS2GA221CA 220 35 x 30 1.00 1.40 0.678 0.271 ECOS2WA221EA 68 30 x 20 0.35 0.49 2.438 0.853 ECOS2GA680DL 270 35 x 35 1.17 1.64 0.614 0.246 ECOS2WA271EA 120 30 x 25 0.75 1.05 1.105 0.387 ECOS2GA121DA 330 35 x 40 1.38 1.93 0.502 0.201 ECOS2WA331EA 150 30 x 30 0.82 1.15 0.884 0.309 ECOS2GA151DA 390 35 x 50 1.55 2.17 0.425 0.170 ECOS2WA391EA 180 30 x 35 0.95 1.33 0.737 0.258 ECOS2GA181DA 220 30 x 40 1.10 1.54 0.603 0.211 ECOS2GA221DA 270 30 x 45 1.20 1.68 0.491 0.172 ECOS2GA271DA 330 30 x 50 1.35 1.89 0.402 0.161 ECOS2GA331DA 100 35 x 20 0.47 0.66 1.658 0.580 ECOS2GA101EL 180 35 x 25 0.95 1.33 0.737 0.258 ECOS2GA181EA 220 35 x 30 1.10 1.54 0.603 0.211 ECOS2GA221EA 270 35 x 35 1.20 1.68 0.491 0.172 ECOS2GA271EA 330 35 x 40 1.35 1.89 0.402 0.161 ECOS2GA331EA 390 35 x 45 1.55 2.17 0.340 0.136 ECOS2GA391EA 470 35 x 50 1.75 2.45 0.282 0.127 ECOS2GA471EA 400 VDC Working, 450 VDC Surge 450 VDC Working, 500 VDC Surge 250 VDC Working, 300 VDC Surge 385 VDC Working, 435 VDC Surge Max 105°C R.C. (Arms) 20°C ESR ( Ω, max.) Size (mm) D x L Size (mm) Max 105°C R.C. (Arms) 20°C ESR ( Ω, max.) D x L |