| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EMC1824 bảng dữ liệu(PDF) 97 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC1824 bảng dữ liệu(HTML) 97 Page - Microchip Technology |
|
97 / 103 page ![]() Microchip Technology Drawing C04-261A Sheet 2 of 2 For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Number of Terminals Overall Height Terminal Width Overall Width Overall Length Terminal Length Exposed Pad Width Exposed Pad Length Terminal Thickness Pitch Standoff Units Dimension Limits A1 A b D E2 D2 (A3) e L E N 0.50 BSC 0.10 REF 0.70 1.10 0.25 0.20 0.70 0.00 0.25 2.00 BSC 0.30 1.20 0.80 0.75 0.02 2.00 BSC MILLIMETERS MIN NOM 8 0.90 1.30 0.35 0.30 0.80 0.05 MAX (K) - 0.30 - REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. 1. 2. 3. Notes: Pin 1 visual index feature may vary, but must be located within the hatched area. Package is saw singulated Dimensioning and tolerancing per ASME Y14.5M Terminal-to-Exposed-Pad 8-Lead Very, Very Thin Plastic Dual Flat, No Lead Package (RW) - 2x2 mm Body [WDFN] Exposed Pad Chamfer CH - 0.25 - Multi-Channel Low Voltage Temp Sens... Packaging Information © 2018 Microchip Technology Inc. Datasheet DS20006048A-page 97 |