công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EMC1822 bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện EMC1822
Giải thích chi tiết về linh kiện  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 10Page - Microchip Technology EMC1822 Datasheet HTML 11Page - Microchip Technology EMC1822 Datasheet HTML 12Page - Microchip Technology EMC1822 Datasheet HTML 13Page - Microchip Technology EMC1822 Datasheet HTML 14Page - Microchip Technology EMC1822 Datasheet HTML 15Page - Microchip Technology EMC1822 Datasheet HTML 16Page - Microchip Technology EMC1822 Datasheet HTML 17Page - Microchip Technology EMC1822 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 103 page
background image
5.9
DP2
•
DP2: DP2 anode
5.10
DN2
•
DN2: DN2 cathode
5.11
Anti-Parallel Diode Pair (DP2/DN3 and DN2/DP3)
•
DP2/DN3: DP2 anode and DN3 cathode
•
DN2/DP3: DN2 cathode and DP3 anode
5.12
Anti-Parallel Diode Pair (DP1/DN2 and DN1/DP2)
•
DP1/DN2: DP1 anode and DN2 cathode
•
DN1/DP2: DN1 cathode and DP2 anode
5.13
Anti-Parallel Diode Pair (DP3/DN4 and DN3/DP4)
•
DP3/DN4: DP3 anode and DN4 cathode
•
DN3/DP4: DN3 cathode and DP4 anode
5.14
SMBus Clock (SCL)
This is the SMBus/I2C input clock pin for SMBus communication.
5.15
Exposed Thermal Pad (EP)
There is no internal connection between the Exposed Thermal Pad (EP) and the GND pin. They must be
connected to the same electric potential on the Printed Circuit Board (PCB). Grounding is recommended
for mechanical support.
Multi-Channel Low Voltage Temp Sens...
Pin Descriptions
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More