công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2809607 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT

tên linh kiện 2809607
Giải thích chi tiết về linh kiện  Surge protection device - TT-SLKK5-S- 24DC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2809607 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT

  2809607 Datasheet HTML 1Page - PHOENIX CONTACT 2809607 Datasheet HTML 2Page - PHOENIX CONTACT 2809607 Datasheet HTML 3Page - PHOENIX CONTACT 2809607 Datasheet HTML 4Page - PHOENIX CONTACT 2809607 Datasheet HTML 5Page - PHOENIX CONTACT 2809607 Datasheet HTML 6Page - PHOENIX CONTACT 2809607 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/2809607
05.10.2012   Page 2 / 7
Surge protection device - TT-SLKK5-S- 24DC - 2809607
Technical data
Protective circuit
IEC category
C3
VDE requirement class
C3
Nominal voltage UN
24 V DC
Maximum continuous operating voltage UC
28.2 V DC
Maximum continuous operating voltage UC
20 V AC
Maximum continuous voltage UC (wire-ground)
28.2 V DC
Maximum continuous voltage UC (wire-ground)
20 V AC
Nominal current IN
32 A (50°C)
Operating effective current IC at UC
≤ 5 µA
Ground conductor current IPE
≤ 5 µA
Nominal discharge surge current In (8/20) µs (Core-Earth)
169 A
Total surge current (8/20) µs
169 A
Max. discharge surge current Imax (8/20) µs maximum (Core-
Earth)
169 A
Nominal pulse current Ian (10/1000) µs (Core-Earth)
33 A
Output voltage limitation at 1 kV/µs (Core-Earth) spike
≤ 42 V
Output voltage limitation at 1 kV/µs (Core-Earth) static
≤ 41 V
Residual voltage at In, (conductor-ground)
≤ 59 V
Response time tA (Core-Earth)
≤ 1 ns
Cut-off frequency fg (3 dB), asym. (PE) in 150 Ohm system
Typ. 1.5 MHz
Capacity (Core-Earth)
1.35 nF
Message: Surge protection fault
None
Surge carrying capacity in acc. with IEC 61643-21 (Core-Earth)
C3 (25 A)
Connection data
Connection method
Screw connection
Connection type IN
Screw terminal blocks
Connection type OUT
Screw terminal blocks
Screw thread
M3
Tightening torque
0.5 Nm
Stripping length
8 mm
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
4 mm²
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Connection, protective circuit
Standards/regulations
IEC 61643-21



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com