| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSA1101BA2T bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSA1101BA2T bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 24 page ![]() 2018 Microchip Technology Inc. DS20005890B-page 11 DSA1101/21/05/25 8.0 PACKAGING INFORMATION 8.1 Package Marking Information Example 6-Pin CDFN/VDFN* XXXXXXX 0SSS DCPYYWW 0750000 0421 DCP1723 Legend: XX...X Product code, customer-specific information, or frequency in MHz without printed decimal point Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. ●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle mark). Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. Package may or may not include the corporate logo. Underbar (_) and/or Overbar (‾) symbol may not be to scale. 3 e 3 e |