công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EMC1813 bảng dữ liệu(PDF) 37 Page - Microchip Technology

tên linh kiện EMC1813
Giải thích chi tiết về linh kiện  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 bảng dữ liệu(HTML) 37 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 33Page - Microchip Technology EMC1813 Datasheet HTML 34Page - Microchip Technology EMC1813 Datasheet HTML 35Page - Microchip Technology EMC1813 Datasheet HTML 36Page - Microchip Technology EMC1813 Datasheet HTML 37Page - Microchip Technology EMC1813 Datasheet HTML 38Page - Microchip Technology EMC1813 Datasheet HTML 39Page - Microchip Technology EMC1813 Datasheet HTML 40Page - Microchip Technology EMC1813 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
...........continued
Offset
Name
Bit Pos.
0x3A
HIGH LIMIT
STATUS
7:0
E4HIGH
E3HIGH
E2HIGH
E1HIGH
IHIGH
0x3B
LOW LIMIT STATUS
7:0
E4LOW
E3LOW
E2LOW
E1LOW
ILOW
0x3C
THERM LIMIT
STATUS
7:0
E4THERM
E3THERM
E2THERM
E1THERM
ITHERM
0x3D
ROC GAIN
7:0
RC1G[7:0]
0x3E
ROC CONFIG
7:0
EN_ROC
MASK2/3
MASK1
RCHY[2:0]
0x3F
ROC STATUS
7:0
SLCG2/3
SLCG1
R2/3ODD
R1ODD
RC2/3HI
RC1HI
RC2/3LO
RC1LO
0x40
R1 RESH
7:0
R(N)RH[7:0]
0x41
R1 LIMH
7:0
R(N)LIMH[7:0]
0x42
R1 LIML
7:0
R(N)LIML[3:0]
0x43
R1 SMPL
7:0
R(N)SH[3:0]
0x44
R2 RESH
7:0
R(N)RH[7:0]
0x45
R2/3 RESL
7:0
R2/3_RL[3:0]
R1_RL[3:0]
0x46
R2 LIMH
7:0
R(N)LIMH[7:0]
0x47
R2 LIML
7:0
R(N)LIML[3:0]
0x48
R2 SMPL
7:0
R(N)SH[3:0]
0x49
PER MAXTH
7:0
GM(N)HB[7:0]
0x4A
PER MAXT1L
7:0
PM(N)L[2:0]
0x4B
PER MAXTH
7:0
GM(N)HB[7:0]
0x4C
PER MAXT2/3L
7:0
PM(N)L[2:0]
0x4D
GBL MAXT1H
7:0
GM(N)HB[7:0]
0x4E
GBL MAXT1L
7:0
GM(N)LB[2:0]
0x4F
GBL MAXT2H
7:0
GM(N)HB[7:0]
0x50
GBL MAXT2L
7:0
GM(N)LB[2:0]
0x51
FILTER SEL
7:0
FILTER[1:0]
0x52
...
0x5F
Reserved
0x60
INT HIGH BYTE
7:0
IHB[7:0]
0x61
INT LOW BYTE
7:0
ILB[2:0]
0x62
EXT1 HIGH BYTE
7:0
EXT(N)HB[7:0]
0x63
EXT1 LOW BYTE
7:0
EXT(N)LB[2:0]
0x64
EXT2 HIGH BYTE
7:0
EXT(N)HB[7:0]
0x65
EXT2 LOW BYTE
7:0
EXT(N)LB[2:0]
0x66
EXT3 HIGH BYTE
7:0
EXT(N)HB[7:0]
0x67
EXT3 LOW BYTE
7:0
EXT(N)LB[2:0]
0x68
EXT4 HIGH BYTE
7:0
EXT(N)HB[7:0]
0x69
EXT4 LOW BYTE
7:0
EXT(N)LB[2:0]
0x6A
HOTTEST DIODE
HIGH BYTE
7:0
HDHB[7:0]
0x6B
HOTTEST DIODE
LOW BYTE
7:0
HDLB[2:0]
0x6C
HOTTEST STATUS
7:0
E4HOT
E3HOT
E2HOT
E1HOT
IHOT
0x6D
HOTTEST CONFIG
7:0
REMHOT
E4ENB
E3ENB
E2ENB
E1ENB
IENB
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More