| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM3086BCW bảng dữ liệu(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM3086BCW bảng dữ liệu(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
7 / 8 page ![]() TOPWAY LCD Module User Manual LM3086BCW URL: www.topwaydisplay.com www.topwaysz.com Document Name: LM3086BCW-Manual-Rev0.1.DOC Page: 7 of 8 4.5 Display Commands COMMAND TABLE INSTRUCTION A0 R/W COMMAND BYTE DESCRIPTION D7 D6 D5 D4 D3 D2 D3 D4 Write Data 1 0 D7 D6 D5 D4 D3 D2 D1 D0 Write data to DDRAM Read Data 1 1 D7 D6 D5 D4 D3 D2 D1 D0 Read data from DDRAM Only for parallel interface and I2C Read Status Byte (parallel interface) 0 1 ID0 MX MY WA DE 0 0 0 Read status byte Only for parallel interface 0 POR 0 0 0 ID3 ID2 ID1 Read Status Byte (4-SPI) 0 0 1 1 1 1 1 1 1 0 Read status byte Only for 4 line SPI 0 1 ID0 MX MY WA DE 0 0 0 0 POR 0 0 0 ID3 ID2 ID1 Set Column Address LSB 0 0 0 0 0 0 CA3 CA2 CA1 CA0 Set column address of RAM Set Column Address MSB 0 0 0 0 0 1 CA7 CA6 CA5 CA4 Set Scroll Line 0 0 0 1 SL5 SL4 SL3 SL2 SL1 SL0 Specify line address for the 1st display line of DDRAM (vertical scrolling) Set Page Address 0 0 1 0 1 1 PA3 PA2 PA1 PA0 Set page address of RAM Set Contrast 0 0 1 0 0 0 0 0 0 1 2-byte instruction. Set Vop voltage EV7 EV6 EV5 EV4 EV3 EV2 EV1 EV0 Set Partial Screen Mode 0 0 1 0 0 0 0 1 0 PS PS=1: Enable partial mode Set RAM Address Control 0 0 1 0 0 0 1 AC2 AC1 AC0 Set column and page address behavior Set Frame Rate 0 0 1 0 1 0 0 0 FR1 FR0 Set frame frequency Set All Pixel ON 0 0 1 0 1 0 0 1 0 AP Set all display segments on Set Inverse Display 0 0 1 0 1 0 0 1 1 INV Set inverse display Set Display Enable 0 0 1 0 1 0 1 1 1 PD PD=0: Chip is in power down mode Scan Direction 0 0 1 1 0 0 0 MY MX 0 Set COM and SEG scan direction Software Reset 0 0 1 1 1 0 0 0 1 0 Set software reset NOP 0 0 1 1 1 0 0 0 1 1 No operation Set Bias 0 0 1 1 1 0 1 0 BR1 BR0 Set internal bias circuit Set COM End 0 0 1 1 1 1 0 0 0 1 2-byte instruction. Set display duty -- -- CEN5 CEN4 CEN3 CEN2 CEN1 CEN0 Partial Start Address 0 0 1 1 1 1 0 0 1 0 Set partial start for partial display screen -- -- DST5 DST4 DST3 DST2 DST1 DST0 Partial End Address 0 0 1 1 1 1 0 0 1 1 Set partial end for partial display screen -- -- DEN5 DE4 DEN3 DEN2 DEN1 DEN0 Test Control 0 0 1 1 1 1 1 1 1 1 Set test command table -- -- -- -- -- -- H1 H0 Note: *1. Do not use any other command not listed, or the system malfunction may result. *2. For the details of the Display Commands, please refer to ST7539 data sheet. *3. “--” = Disabled bit. It can be either logic 0 or 1. |