| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSR09B565MS bảng dữ liệu(PDF) 51 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR09B565MS bảng dữ liệu(HTML) 51 Page - Kemet Corporation |
|
51 / 84 page ![]() MAX. DISSIPATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C 33.0 C T330C336(1)010AS 2 6 39.0 C T330C396(1)010AS 5 6 47.0 D T330D476(1)010AS 5 6 56.0 D T330D566(1)010AS 5 6 68.0 D T330D686(1)010AS 5 6 82.0 D T330D826(1)010AS 5 6 100.0 D T330D107(1)010AS 10 6 120.0 D T330D127(1)010AS 10 6 150.0 D T330D157(1)010AS 10 6 15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C 3.9 B T330B395(1)015AS 1 6 4.7 B T330B475(1)015AS 1 6 5.6 B T330B565(1)015AS 1 6 6.8 B T330B685(1)015AS 1 6 8.2 B T330B825(1)015AS 1 6 10.0 C T330C106(1)015AS 1 6 12.0 C T330C126(1)015AS 1 6 15.0 C T330C156(1)015AS 2 6 18.0 C T330C186(1)015AS 5 6 22.0 C T330C226(1)015AS 5 6 27.0 C T330C276(1)015AS 5 6 33.0 C T330C336(1)015AS 5 6 39.0 D T330D396(1)015AS 10 6 47.0 D T330D476(1)015AS 10 6 56.0 D T330D566(1)015AS 10 6 68.0 D T330D686(1)015AS 10 6 82.0 D T330D826(1)015AS 10 6 MAX. DISSIPATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C 10.0 B T330B106(1)006AS 1 6 12.0 B T330B126(1)006AS 1 6 15.0 B T330B156(1)006AS 1 6 18.0 B T330B186(1)006AS 1 6 22.0 B T330B226(1)006AS 1 6 27.0 C T330C276(1)006AS 1 6 33.0 C T330C336(1)006AS 1 6 39.0 C T330C396(1)006AS 1 6 47.0 C T330C476(1)006AS 2 6 56.0 C T330C566(1)006AS 5 6 68.0 C T330C686(1)006AS 5 6 82.0 D T330D826(1)006AS 5 6 100.0 D T330D107(1)006AS 5 6 120.0 D T330D127(1)006AS 5 6 150.0 D T330D157(1)006AS 5 6 180.0 D T330D187(1)006AS 10 6 220.0 D T330D227(1)006AS 10 8 10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C 5.6 B T330B565(1)010AS 1 6 6.8 B T330B685(1)010AS 1 6 8.2 B T330B825(1)010AS 1 6 10.0 B T330B106(1)010AS 1 6 12.0 B T330B126(1)010AS 1 6 15.0 B T330B156(1)010AS 1 6 18.0 C T330C186(1)010AS 1 6 22.0 C T330C226(1)010AS 2 6 27.0 C T330C276(1)010AS 2 6 MAX. DISSIPATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C 0.39 A T330A394(1)035AS 1 3 0.47 A T330A474(1)035AS 1 3 0.56 A T330A564(1)035AS 1 3 0.68 A T330A684(1)035AS 1 3 0.82 A T330A824(1)035AS 1 3 1.0 A T330A105(1)035AS 1 3 1.2 A T330A125(1)035AS 1 4 1.5 A T330A155(1)035AS 1 4 1.8 A T330A185(1)035AS 1 4 2.2 A T330A225(1)035AS 1 4 2.7 A T330A275(1)035AS 1 4 50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C 0.10 A T330A104(1)050AS 1 3 0.12 A T330A124(1)050AS 1 3 0.15 A T330A154(1)050AS 1 3 0.18 A T330A184(1)050AS 1 3 0.22 A T330A224(1)050AS 1 3 0.27 A T330A274(1)050AS 1 3 0.33 A T330A334(1)050AS 1 3 0.39 A T330A394(1)050AS 1 3 0.47 A T330A474(1)050AS 1 3 0.56 A T330A564(1)050AS 1 3 0.68 A T330A684(1)050AS 1 3 0.82 A T330A824(1)050AS 1 4 1.0 A T330A105(1)050AS 1 4 1.2 A T330A125(1)050AS 1 4 1.5 A T330A155(1)050AS 1 4 MAX. DISSIPATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C 18.0 A T330A186(1)006AS 1 6 22.0 A T330A226(1)006AS 1 6 10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C 10.0 A T330A106(1)010AS 1 6 12.0 A T330A126(1)010AS 1 6 15.0 A T330A156(1)010AS 1 6 15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C 8.2 A T330A825(1)015AS 1 6 20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C 5.6 A T330A565(1)020AS 1 6 6.8 A T330A685(1)020AS 1 6 25 VOLT RATING AT 85°C — 17 VOLT RATING AT 125°C 3.3 A T330A335(1)025AS 1 4 3.9 A T330A395(1)025AS 1 4 4.7 A T330A475(1)025AS 1 35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C 0.10 A T330A104(1)035AS 1 3 0.12 A T330A124(1)035AS 1 3 0.15 A T330A154(1)035AS 1 3 0.18 A T330A184(1)035AS 1 3 0.22 A T330A224(1)035AS 1 3 0.27 A T330A274(1)035AS 1 3 0.33 A T330A334(1)035AS 1 3 ® KEMET TANTALUM MOLDED / RADIAL T330 SERIES - PRECISION MOLDED - RADIAL LEAD KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 51 RATINGS & PART NUMBER REFERENCE A CASE B, C & D CASES (1) To complete Part Number insert Capacitance Tolerance Symbol in the 9th character, M — ±20%, K — ±10%, J — ±5%. Bold face lines indicate popular part types and values. Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET’S option. |