| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2088AFW bảng dữ liệu(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM2088AFW bảng dữ liệu(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
7 / 9 page ![]() TOPWAY LCD Module User Manual LM2088AFW URL: www.topwaydisplay.com www.topwaysz.com Document Name: LM2088AFW-Manual-Rev0.3 Page: 7 of 9 4. Function Specifications 4.1 Adjusting the Display Contrast A Variable-Resistor must be connected to the LCD module for providing a reference to V0. Adjusting the VR will result the change of LCD display contrast. The recommended value of VR is 25k to 50k 4.2 Display Pixel Map 1,1 (D3) 2,1 (D2) 3,1 (D1) 4,1 (D0) 5,1 (D3) - - - - - - 316,1 (D0) 317,1 (D3) 318,1 (D2) 319,1 (D1) 320,1 (D0) 1,2 (D3) 2,2 (D2) 3,2 (D1) 4,2 (D0) 5,2 (D3) - - - - - - 316,2 (D0) 317,2 (D3) 318,2 (D2) 319,2 (D1) 320,2 (D0) 1,3 (D3) 2,3 (D2) 3,3 (D1) 4,3 (D0) 5,3 (D3) - - - - - - 316,3 (D0) 317,3 (D3) 318,3 (D2) 319,3 (D1) 320,3 (D0) : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : 1,238 (D3) 2,238 (D2) 3,238 (D1) 4,238 (D0) 5,238 (D3) - - - - - - 316,238 (D0) 317,238 (D3) 318,238 (D2) 319,238 (D1) 320,238 (D0) 1,239 (D3) 2,239 (D2) 3,239 (D1) 4,239 (D0) 5,239 (D3) - - - - - - 316,239 (D0) 317,239 (D3) 318,239 (D2) 319,239 (D1) 320,239 (D0) 1,240 (D3) 2,240 (D2) 3,240 (D1) 4,240 (D0) 5,240 (D3) - - - - - - 316,240 (D0) 317,240 (D3) 318,240 (D2) 319,240 (D1) 320,240 (D0) Pixel mapping (Top View) Based on the top view of the LCD module, the 1, 1 (x, y) pixel is the upper-left pixel; the 320, 240 (x, y) pixel is the lower-right pixel. V0 VSS VDD VR VOUT |