| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDR54CE bảng dữ liệu(PDF) 3 Page - First Silicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
FDR54CE bảng dữ liệu(HTML) 3 Page - First Silicon Co., Ltd |
|
3 / 3 page ![]() 2012. 05. 22 3/3 Revision No : 0 FDR54CE G M 0.08 (0.003) X D 3 PL J -X- -Y- NOTES: 1 DIMENSIONING AND TOLERANCING PER ANSI Y14 5M, 1982 2 CONTROLLING DIMENSION: MILLIMETERS 3 MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL 4 463C-01 OBSOLETE, NEW STANDARD 463C-02 A B Y 1 2 3 N 2 PL K C -T- SEATING PLANE M H H L G RECOMMENDED PATTERN OF SOLDER PADS S SC-89/SOT-523 DIM A B C D G H J K L M N S MIN 1 50 0 75 0 60 0 23 0 10 0 30 - - 1 50 NOM 1 60 0 85 0 70 0 28 0 50BSC 0 53RBF 0 15 0 40 1 10RBF - - 1 60 MAX 1 70 0 95 0 80 0 33 0 20 0 50 10˚ 10˚ 1 70 MIN 0 059 0 030 0 024 0 009 0 004 0 012 - - 0 059 NOM 0 063 0 034 0 028 0 011 0 020BSC 0 021RBF 0 006 0 016 0 043RBF - - 0 063 MAX 0 067 0 040 0 031 0 013 0 008 0 020 10˚ 10˚ 0 067 MILLIMETERS INCHES |