| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BM83 bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM83 bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 74 page ![]() ...........continued Pin Number Pin Name Pin Type Description 47 P1_3 / TCK_CPU / SDA I/O • GPIO port P1_3 • CPU 2-wire debug clock • I2C SDA 48 P3_7 / UART_CTS I/O • GPIO port P3_7 • UART CTS 49 P0_0 / UART_TX_IND I/O • GPIO port P0_0 • UART_TX_IND (active-high) used by the Bluetooth system to wake-up the host MCU 50 GND P Ground reference Note: The GPIOs mentioned can be configured using the SDK or the Config Tool. Refer to 6.5 General Purpose I/O Pins for default GPIO configurations as per turn-key solution. BM83 Device Overview © 2019 Microchip Technology Inc. Preliminary Datasheet DS70005402A-page 14 |