| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8367 bảng dữ liệu(PDF) 66 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8367 bảng dữ liệu(HTML) 66 Page - Freescale Semiconductor, Inc |
|
66 / 184 page ![]() 56F8367 Technical Data, Rev. 7.0 66 Freescale Semiconductor Preliminary Table 4-27 Computer Operating Properly Registers Address Map (COP_BASE = $00 F2C0) Register Acronym Address Offset Register Description COPCTL $0 Control Register COPTO $1 Time Out Register COPCTR $2 Counter Register Table 4-28 Clock Generation Module Registers Address Map (CLKGEN_BASE = $00 F2D0) Register Acronym Address Offset Register Description PLLCR $0 Control Register PLLDB $1 Divide-By Register PLLSR $2 Status Register Reserved SHUTDOWN $4 Shutdown Register OSCTL $5 Oscillator Control Register Table 4-29 GPIOA Registers Address Map (GPIOA_BASE = $00 F2E0) Register Acronym Address Offset Register Description Reset Value GPIOA_PUR $0 Pull-up Enable Register 0 x 3FFF GPIOA_DR $1 Data Register 0 x 0000 GPIOA_DDR $2 Data Direction Register 0 x 0000 GPIOA_PER $3 Peripheral Enable Register 0 x 3FFF GPIOA_IAR $4 Interrupt Assert Register 0 x 0000 GPIOA_IENR $5 Interrupt Enable Register 0 x 0000 GPIOA_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOA_IPR $7 Interrupt Pending Register 0 x 0000 GPIOA_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOA_PPMODE $9 Push-Pull Mode Register 0 x 3FFF GPIOA_RAWDATA $A Raw Data Input Register — |