công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CL50XRXAOS3PQ bảng dữ liệu(PDF) 2 Page - Banner Engineering Corp.

tên linh kiện CL50XRXAOS3PQ
Giải thích chi tiết về linh kiện  CL50 Column Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CL50XRXAOS3PQ bảng dữ liệu(HTML) 2 Page - Banner Engineering Corp.

  CL50XRXAOS3PQ Datasheet HTML 1Page - Banner Engineering Corp. CL50XRXAOS3PQ Datasheet HTML 2Page - Banner Engineering Corp. CL50XRXAOS3PQ Datasheet HTML 3Page - Banner Engineering Corp. CL50XRXAOS3PQ Datasheet HTML 4Page - Banner Engineering Corp. CL50XRXAOS3PQ Datasheet HTML 5Page - Banner Engineering Corp. CL50XRXAOS3PQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Sealed Audible Models 1
# of LED
Colors
LED Colors 2
Connection3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
Color 1
Color 2
Color 3
CL50GRYALSNQ
CL50GRYALS3NQ
CL50GRYALS4NQ
Green
Red
Yellow
NPN
Omni-Directional Sealed Audible Models 1
# of LED
Colors
LED Colors 2
Connection3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
Color 1
Color 2
Color 3
CL50GXXAOSPQ
CL50GXXAOS3PQ
CL50GXXAOS4PQ
1
Green
-
-
Integral 5-pin
M12/Euro-style
quick disconnect
PNP
CL50GXXAOSNQ
CL50GXXAOS3NQ
CL50GXXAOS4NQ
Green
-
-
NPN
CL50XRXAOSPQ
CL50XRXAOS3PQ
CL50XRXAOS4PQ
-
Red
-
PNP
CL50XRXAOSNQ
CL50XRXAOS3NQ
CL50XRXAOS4NQ
-
Red
-
NPN
CL50GRXAOSPQ
CL50GRXAOS3PQ
CL50GRXAOS4PQ
2
Green
Red
-
PNP
CL50GRXAOSNQ
CL50GRXAOS3NQ
CL50GRXAOS4NQ
Green
Red
-
NPN
CL50GRYAOSPQ
CL50GRYAOS3PQ
CL50GRYAOS4PQ
3
Green
Red
Yellow
PNP
CL50GRYAOSNQ
CL50GRYAOS3NQ
CL50GRYAOS4NQ
Green
Red
Yellow
NPN
Omni-Directional Sealed Audible Models with Intensity Adjustment 1
# of LED
Colors
LED Colors 2
Connection3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
Color 1
Color 2
Color 3
CL50GXXAOSIPQ
CL50GXXAOS3IPQ
CL50GXXAOS4IPQ
1
Green
-
-
Integral 5-pin
M12/Euro-style
quick disconnect
PNP
CL50GXXAOSINQ
CL50GXXAOS3INQ
CL50GXXAOS4INQ
Green
-
-
NPN
CL50XRXAOSIPQ
CL50XRXAOS3IPQ
CL50XRXAOS4IPQ
-
Red
-
PNP
CL50XRXAOSINQ
CL50XRXAOS3INQ
CL50XRXAOS4INQ
-
Red
-
NPN
CL50GRXAOSIPQ
CL50GRXAOS3IPQ
CL50GRXAOS4IPQ
2
Green
Red
-
PNP
CL50GRXAOSINQ
CL50GRXAOS3INQ
CL50GRXAOS4INQ
Green
Red
-
NPN
CL50GRYAOSIPQ
CL50GRYAOS3IPQ
CL50GRYAOS4IPQ
3
Green
Red
Yellow
PNP
CL50GRYAOSINQ
CL50GRYAOS3INQ
CL50GRYAOS4INQ
Green
Red
Yellow
NPN
Wiring Diagrams — Non-Audible Models
PNP Input
KEY
1 = Brown
2 = White
3 = Blue
4 = Black
Indicator
Color
C2
C3
C1
1
4
3
2
18-30V dc
NPN Input
KEY
1 = Brown
2 = White
3 = Blue
4 = Black
Indicator
Color
C2
C3
C1
3
4
1
2
18-30V dc
Key4
1 = Brown
2 = White
3 = Blue
4 = Black
C1 = Color 1
C2 = Color 2
C3 = Color 3
Wiring Diagrams — Audible Models
PNP Input
KEY
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
Indicator
Color
C2
C3
C1
A
3
4
1
5
2
18-30V dc
NPN Input
KEY
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
Indicator
Color
C2
C3
C1
A
1
4
3
5
2
18-30V dc
Key4
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
C1 = Color 1
C2 = Color 2
C3 = Color 3
A = Audible
4 If there is an "X" in the model number, the corresponding wire will not be used.
CL50 Column Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 145315 Rev. O



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com