công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CL50GRYAOS4IPQ bảng dữ liệu(PDF) 6 Page - Banner Engineering Corp.

tên linh kiện CL50GRYAOS4IPQ
Giải thích chi tiết về linh kiện  CL50 Column Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CL50GRYAOS4IPQ bảng dữ liệu(HTML) 6 Page - Banner Engineering Corp.

  CL50GRYAOS4IPQ Datasheet HTML 1Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 2Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 3Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 4Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 5Page - Banner Engineering Corp. CL50GRYAOS4IPQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Elevated Mount System
Model
Features
Components
SA-M30TE12 - Black Acetal
•
Streamlined black acetal or white UHMW stand-off pipe
adapter/cover
•
Connects between 30 mm light base and ½ in. NPSM/DN15
pipe
•
Mounting hardware included
SA-M30TE12C - White UHMW
Polished 304 Stainless Steel Black Anodized Aluminum
Clear Anodized Aluminum
•
Elevated-use stand-off pipe (½ in. NPSM/DN15)
•
Polished 304 stainless steel, black anodized aluminum, or
clear anodized aluminum surface
•
½ in. NPT thread at both ends
•
Compatible with most industrial environments
SOP-E12-150SS
150 mm (6 in) long
SOP-E12-150A
150 mm (6 in) long
SOP-E12-150AC
150 mm (6 in) long
SOP-E12-300SS
300 mm (12 in) long
SOP-E12-300A
300 mm (12 in) long
SOP-E12-300AC
300 mm (12 in) long
SOP-E12-900SS
900 mm (36 in) long
SOP-E12-900A
900 mm (36 in) long
SOP-E12-900AC
900 mm (36 in) long
SA-E12M30 - Black Acetal
•
Streamlined black acetal or white UHMW mounting base
adapter/cover
•
Connects between ½ in. NPSM/DN15 pipe and 30 mm
(1-3/16 in) drilled hole
•
Mounting hardware included
SA-E12M30C - White UHMW
Pipe Mounting Flange
Pipe Mounting Flange
Model
Features
Construction
SA-F12
•
Elevated-use stand-off pipes (½ in, NPSM/
DN15)
•
M5 mounting hardware and nitrile gasket
included
Die-cast zinc base with black
paint
10
ø28
ø70
1/2-14
NPSM
4x ø5.5
54
SA-F12-3
•
Elevated-use stand-off pipes (½ in, NPSM/
DN15)
•
M4 mounting hardware and nitrile blend gasket
included
Black Polycarbonate
29
8.77
ø60
ø40
2 x 120°
1/2-14 NPSM
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or replace, free of charge,
any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover damage or liability for misuse, abuse, or the
improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY OTHER
PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR
FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously manufactured by Banner
Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the product is identified as not intended for such
purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the product warranties. All specifications published in this
document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time. Specifications and product information in English supersede that which is
provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
For patent information, see
www.bannerengineering.com/patents.
CL50 Column Light
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com