| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBF110PFWLPES bảng dữ liệu(PDF) 16 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MBF110PFWLPES bảng dữ liệu(HTML) 16 Page - fujitsu semiconductor |
|
16 / 24 page ![]() Pr eliminar y Solid-State Fingerprint Sensor 12 Fujitsu Microelectronics, Inc. Power Up and Initialization Write DTR with PD bit set Power-Up Set DTR[7] (PD) to power down device. Wait 1 µs Write DTR with PD bit clear Write DCR with TRST set Write DCR with TRST clear Wait for chip to power down. Clear TRST for normal dicharge timer operation. DCR[4:0] initialized to known values. Wait for chip to return from power-down. Clear DTR[7] (PD) to return from power-down. DTR[6:0] initialized to known values. Set DCR[5] (TRST) to halt and reset the discharge timer. Initialize RSR to zero. Clear RSR Initialization Done Wait 10 µs |