công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EB-ASG402-2000 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện EB-ASG402-2000
Giải thích chi tiết về linh kiện  DC-3000 MHz SiGe HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

EB-ASG402-2000 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  EB-ASG402-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers EB-ASG402-2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
www.ASB.co.kr Mar.. 2004
Parameters
Units
Min.
Typ.
Max.
Frequency Range
MHz
250 - 2500
Gain
dB
16
Input VSWR
-
1.44
Output VSWR
-
1.44
Output IP3
2)
dBm
44
45
Noise Figure
dB
3.3
Output P1dB
dBm
29
Supply Current
mA
260
275
290
Supply Voltage
V
8
Thermal Resistance, Rth
4)
°C/W
24.1
1) Measurement conditions are as follows: T = 25
°C, Vs = 6 V, Freq. = 900 MHz, 50 ohm system.
2) S11 & S22 can be improved, at a specific frequency, by moving an input shunt capacitor (C2) along an input transmission line.
3) OIP3 is measured with two tones at an output power of +14 dBm/tone separated by 1 MHz.
4) The thermal resistance was determined at a DC power of 1.65 W (VCC=6 V, IC=275 mA) with RF signal and a lead temperature
of 50.8
°C.
Parameters
Rating
Remarks
Operating device voltage
7V
RF input power (continuous)
+2 dB above Input P1dB
Supply current
300 mA
Operating case temperature
-40 to
+ 85°C
Storage temperature
-40 to
+ 150°C
Application circuit for 900 MHz
Application circuit for 2 GHz
Part Number
Description
ASG402
High linearity medium power amplifier
(Available in tape and reel)
EB-ASG402-900
Fully assembled evaluation kit (900 MHz)
EB-ASG402-2000
Fully assembled evaluation kit (2000 MHz)
·
SiGe Technology
·
16 dB Gain at 900 MHz
·
+29 dBm P1dB
·
+45 dBm Output IP3
·
3.3 dB Noise Figure
·
ACPR= -50dBc@21dBm
·
ACLR= -45dBc@21dBm
·
Single +8 V Supply
·
SOT-89 Surface Mount Package
Features
Description
Package Style: SOT-89
Specifications 1)
Applications
Absolute Maximum Ratings
ASG402
DC-3000 MHz SiGe HBT Amplifier
The ASG402 is designed for high linearity, high
gain, and low noise over a wide range of fre-
quency, being suitable for use in both receiver
and transmitter of wireless and wireline telecom-
munication systems. The product is manufactured
using a state-of-the-art SiGe HBT process of the
company's own, making it cost-effective and
highly reliable. The amplifiers are available in
a low cost SOT-89 package completing stringent
DC and RF tests.
·
CDMA, GSM, W-CDMA, PCS
·
Power Amplifier
·
Gain Block
·
CATV Amplifier
·
IF Amplifier
Ordering Information
Application Note
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7220
Fax: (82) 42-528-7222
ASB Inc., 4th Fl. Venture Town
Bldg., 367-17 Goijeong-Dong,
Seo-Gu, Daejon 302-716, Korea
More Information


Số phần tương tự - EB-ASG402-2000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
EB-ASG101-2000 ETC-EB-ASG101-2000 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
EB-ASG101-900 ETC-EB-ASG101-900 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
EB-ASG304-1750 ETC-EB-ASG304-1750 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-2000 ETC-EB-ASG304-2000 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-900 ETC-EB-ASG304-900 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
More results

Mô tả tương tự - EB-ASG402-2000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ASG304 ETC-ASG304 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
ASG101 ETC-ASG101 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
ASG303 ETC-ASG303 Datasheet
187Kb / 6P
DC-2500 MHz SiGe HBT Amplifier
logo
Stanford Microdevices
SGA-6386 STANFORD-SGA-6386 Datasheet
262Kb / 4P
DC-3000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Advanced Semiconductor ...
ASG330 ASB-ASG330 Datasheet
389Kb / 9P
DC-2500 MHz SiGe HBT Amplifier
November 2007
logo
TriQuint Semiconductor
QPA5263A TRIQUINT-QPA5263A Datasheet
712Kb / 7P
DC - 4500 MHz Cascadable SiGe HBT Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA0363A QORVO-QPA0363A Datasheet
880Kb / 7P
DC ??5000 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
More results


Html Pages

1 2 3 4 5 6 7