| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WLB32C285.. bảng dữ liệu(PDF) 9 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
WLB32C285.. bảng dữ liệu(HTML) 9 Page - Banner Engineering Corp. |
|
9 / 9 page ![]() FCC Part 15 and CAN ICES-3 (B)/NMB-3(B) This device complies with part 15 of the FCC Rules and CAN ICES-3 (B)/NMB-3(B). Operation is subject to the following two conditions: 1. This device may not cause harmful interference, and 2. This device must accept any interference received, including interference that may cause undesired operation. This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part 15 of the FCC Rules and CAN ICES-3 (B)/NMB-3(B). These limits are designed to provide reasonable protection against harmful interference in a residential installation. This equipment generates, uses and can radiate radio frequency energy and, if not installed and used in accordance with the instructions, may cause harmful interference to radio communications. However, there is no guarantee that interference will not occur in a particular installation. If this equipment does cause harmful interference to radio or television reception, which can be determined by turning the equipment off and on, the user is encouraged to try to correct the interference by one or more of the following measures: • Reorient or relocate the receiving antenna. • Increase the separation between the equipment and receiver. • Connect the equipment into an outlet on a circuit different from that to which the receiver is connected. • Consult the manufacturer. Mexican Importer Banner Engineering de Mèxico, S. de R.L. de C.V. David Alfaro Siqueiros 103 Piso 2 Valle oriente San Pedro Garza Garcia Nuevo Leòn, C. P. 66269 81 8363.2714 WLB32 Industrial LED Light Bar (DC) © Banner Engineering Corp. All rights reserved |