| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0201B104F101CG bảng dữ liệu(PDF) 22 Page - WALSIN TECHNOLOGY CORPORATION |
|
|
|||||||||||||||||||||||||||||
0201B104F101CG bảng dữ liệu(HTML) 22 Page - WALSIN TECHNOLOGY CORPORATION |
|
22 / 22 page ![]() Multilayer Ceramic Capacitors Approval Sheet Page 22 of 22 ASC_General Purpose_001AE_AS May. 2019 ◙ Recommended soldering conditions The lead-free termination MLCCs are not only to be used on SMT against lead-free solder paste, but also suitable against lead-containing solder paste. If the optimized solder joint is requested, increasing soldering time, temperature and concentration of N2 within oven are recommended. Fig. 6 Recommended reflow soldering profile for SMT process with SnAgCu series solder paste. Fig. 7 Recommended wave soldering profile for SMT process with SnAgCu series solder. |