| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SFECS10M7GA00-R0 bảng dữ liệu(PDF) 55 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SFECS10M7GA00-R0 bảng dữ liệu(HTML) 55 Page - Murata Manufacturing Co., Ltd. |
|
55 / 57 page ![]() Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested to approve our product specification or to transact the approval sheet for product specification, before your ordering. P61E7.pdf 01.10.17 Example of Appllied Circuit 54 13 s LA1140(Automotive Radio) 16 4 10 5 14 6 1 2 3 12 9 11 13 8 7 AFC LA1140 (SANYO) SFELA10M7HAA0-B0 SFELA10M7HAA0-B0 C.F. AGC C.F. 0.047 x 2 Vref. + + C9 0.047 C10 4.7 µ R13 12k R14 L2 C11 33p C8 0.047 C7 0.047 L1 2.2 µH R7 200 R8 330 R3 R2 R6 330 R9 220k R2 47k C14 0.047 C3 0.047 C2 0.022 C1 0.022 R1 100 R2 1k R4 10k C13 33p 22k R10 C15 0.047 C6 C5 C4 VR1 150k 1.8k 1.8k 15 2.2 µ FRONT END + s CXA1019M(Radio) R FM PF FM OSC W W W W W W W W 19 17 6 7 8 14 2 25 26 13 8 28 27 3 24 4 21 23 22 1 RIPPLE FILTER REGULATOR TUNING METER VOL CXA1019M(SONY) FM IF AMP DETECTOR AF PRE/POWER AMP AM IF AMP DETECTOR FM FRONT END AM FRONT END FM BPF METER AM IF IN Vcc SP AF IN VOL AM OSC AM ANT DEP OUT FM/AM BAND SELECT REG OUT FM DISCRI FM IF IN FM CERAFIL® (SFELA10M7FA00-B0) CERAMIC DISCRIMINATOR (CDALA10M7CA001-B0) IF OUT AM CERAFIL® (SFULA455KU2B-B0) 10 13 12 20 16 18 11 5 No adjustment is needed the FM detection stage due to use the ceramic discriminator. Continued on the following page. |