| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SFECV10M7HA00-R0 bảng dữ liệu(PDF) 53 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SFECV10M7HA00-R0 bảng dữ liệu(HTML) 53 Page - Murata Manufacturing Co., Ltd. |
|
53 / 57 page ![]() Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested to approve our product specification or to transact the approval sheet for product specification, before your ordering. P61E7.pdf 01.10.17 Packaging 52 13 Continued from the preceding page. s Lead Type Discriminator CDALA Series (in mm) Hold down tape doesn't exceed the carrier tape The pitch of 20 sprocket holes P2 P P1 P0 F D0 t ∆S1 Item Code Dimensions Tolerance Remarks Lead length under the hole down tape Pitch of component Pitch of sprocket hole (1) Length from hole center to lead Length from hole center to component center Lead spacing Slant to the forward or backward Slant to the left or right Width of carrier tape Width of hold down tape Position of sprocket hole Diameter of sprocket hole Total tape thickness Pitch of sprocket hole (2) L1 P P0 P1 P2 F ∆h ∆S1 W W0 W1 W2 H0 D0 t Po20 3.0 min. 12.7 12.7 3.85 6.35 5.0 0 0 18.0 6.0 min. 9.0 0 18.0 ø4.0 0.6 254.0 ——— ±0.5 ±0.2 ±0.5 ±0.5 ±1.0 ±1.0 ±0.5 ——— ±0.5 ±0.5 ±0.2 ±0.2 ±1.5 +0.5 -0.0 +0.5 -0.2 ∆h ∆h Gap of hold down tape and Carrier tape Distance between the center of sprocket hole and lead stopper |