| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BL-R1135A bảng dữ liệu(PDF) 2 Page - Yellow Stone Corp |
|
|
|||||||||||||||||||||||||||||
BL-R1135A bảng dữ liệu(HTML) 2 Page - Yellow Stone Corp |
|
2 / 2 page ![]() L-089 BL-Rxx15 Series L-090 BL-Rxx35 Series L-091 BL-Rxx35A Series L-092 BL-Rxx35B Series L-093 BL-Rxx36 Series L-094 BL-Rxx36A Series L-095 BL-Rxx37 Series L-096 BL-Rxx38 Series Notes 1.All Dimensions are in millimeters (inches). 2.Tolerance isA0.25mm (.010"). MIN. 19.8(.780) 1.0(.039) 5.1(.201) 2.8(.110) 4.6(.181) 4.0(.157) 1.0(.039) 0.5(.020) SQ.TYP. 2.7(.106) NOM. 4.4 0.5(.17 .02) AA 2.54(.100) 5.0(.197) 1.5(.059) MAX. 1.0 0.1(.04 .004) AA MIN. NOM. 2.8(.110) 5.1(.201) 1.0(.039) 25.4(1.00) MIN. 2.54(.100) 4.0(.157) 4.6(.181) 1.5(.059) MAX. 5.0(.197) 0.5(.020) SQ.TYP. 2.7(.106) 1.0(.039) NOM. MIN. 5.0(.197) 1.0(.039) 2.54(.100) 25.4(1.00) MIN. 1.5(.059) MAX. 5.1(.201) 2.8(.110) 0.5(.020) SQ.TYP. 3.6(.142) 4.4(.173) 1.0(.039) 1.0(.039) MIN. 25.4(1.00) MIN. 4.5(.177) 3.5(.138) 1.5(.059) MAX. 0.5(.020) SQ.TYP. 2.54(.10) NOM. 4.9(.193) 3.0(.118) 2.8(.110) 1.0(.039) 3.0(.118) 5.0(.197) NOM. MIN. 2.7(.106) 2.3(.091) 5.3(.209) 2.54(.100) 1.0(.039) 25.4(1.00) MIN. 0.7(.028) 1.5(.059) MAX. 5.9(.232) 2.8(.110) 0.5(.020) SQ.TYP. 4.5(.177) 3.0(.118) 6.0(.236) 1.9(.075) MIN. 1.0(.039) 25.4(1.00) MIN. 1.5(.059) MAX. 2.54(.100) NOM. 0.8(.031) 5.15(.2023) 2.85(.112) 5.7(.224) 2.2(.086) 0.5(.020) SQ.TYP. 5.9(.232) 2.9(.114) 4.65(.183) 2.7(.106) 1.87(.073) NOM. MIN. MAX. 1.0(.039) 2.54(.100) 3.0(.118) 4.8(.188) 1.5(.059) 3.0(.118) 0.5(.020) SQ.TYP. 7.0(.275) 25.4(1.00) MIN. 4.8(.188) MIN. NOM. 5.2(.205) 2.54(.100) 1.0(.039) 25.4(1.00) MIN. 1.5(.059) MAX. 4.0(.157) 0.5(.020) SQ.TYP. 1.9(.075) 2.0(.079) 1.8(.071) 6.0(.236) 5.3(.209) Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |