công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D10AFPQ bảng dữ liệu(PDF) 3 Page - Banner Engineering Corp.

tên linh kiện D10AFPQ
Giải thích chi tiết về linh kiện  D10?봁iscrete Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10AFPQ bảng dữ liệu(HTML) 3 Page - Banner Engineering Corp.

  D10AFPQ Datasheet HTML 1Page - Banner Engineering Corp. D10AFPQ Datasheet HTML 2Page - Banner Engineering Corp. D10AFPQ Datasheet HTML 3Page - Banner Engineering Corp. D10AFPQ Datasheet HTML 4Page - Banner Engineering Corp. D10AFPQ Datasheet HTML 5Page - Banner Engineering Corp. D10AFPQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications
Sensing Beam
Visible red, 660 nm or Visible green, 525 nm , depending on model
Supply Voltage
10 to 30 V dc (10% max. ripple) at less than 25 mA, exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: 1 current sourcing (PNP) and 1 current sinking (NPN)
Output Rating
100 mA per output with short circuit protection
OFF-state leakage current: < 10 μA sourcing; 200 μA sinking
ON-state saturation voltage:
NPN: 1.6 V at 100 mA
PNP: 2.0 V at 100 mA
Output Protection
Protected against output short-circuit and false pulse on power up
NOTE: Maximum 100 ms delay on power
up; outputs do not conduct during this time
Output Response Time
Standard models (with crosstalk avoidance circuitry): 500
microseconds
High-speed models: 200 microseconds
Repeatability
Standard models: 95 microseconds
High-speed models: 50 microseconds
Adjustments
12-turn Sensitivity potentiometer with relative position indicator;
LO/DO Selection switch; 0 or 40 ms off delay switch
NOTE: Use proper ESD techniques while
making adjustments under cover.
Indicators
Two LEDs: Green and Amber
Green ON steady: Power ON
Amber flashing: Light Sensed Signal strength indicator (Banner’s AID™
Alignment Indicating Device—the faster the flash, the more light is
received)
Construction
Black ABS/polycarbonate alloy (UL94 V-0 rated) housing, clear
polycarbonate cover
Environmental Rating
IEC IP50, NEMA 1
Connections
2 m or 9 m (6.5 ft or 30 ft) attached cable, or 4-pin Pico-style quick-
disconnect fitting; cables for QD models are purchased separately
Operating Conditions
Operating Temperature: −10 °C to +55 °C (+14 °F to +131 °F)
Storage Temperature: −20 °C to +85 °C (−4 °F to +185 °F)
90% at +55 °C maximum relative humidity (non-condensing)
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance
with local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via
Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Certifications
D10—Discrete Output
P/N 118431 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com