công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH32B104F6R3CT bảng dữ liệu(PDF) 26 Page - WALSIN TECHNOLOGY CORPORATION

tên linh kiện SH32B104F6R3CT
Giải thích chi tiết về linh kiện  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Trang chủ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH32B104F6R3CT bảng dữ liệu(HTML) 26 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH32B104F6R3CT Datasheet HTML 19Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 20Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 21Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 22Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 23Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 24Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 25Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 26Page - WALSIN TECHNOLOGY CORPORATION SH32B104F6R3CT Datasheet HTML 27Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 26 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
◙ Example of customer label
*Customized label is available upon request
◙ Constructions
◙ Storage and handling conditions
(1) To store products at 5 to 40
°C ambient temperature and 20 to 70%. related humidity conditions.
(2) The product is recommended to be used within one year after shipment. Check solderability in case of shelf life
extension is needed.
Cautions:
a. The corrosive gas reacts on the terminal electrodes of capacitors, and results in the poor solderability.
Do not store the capacitors in the ambience of corrosive gas (e.g., hydrogen sulfide, sulfur dioxide,
chlorine, ammonia gas etc.)
b. In corrosive atmosphere, solderability might be degraded, and silver migration might occur to cause low
reliability.
c.
Due to the dewing by rapid humidity change, or the photochemical change of the terminal electrode by
direct sunlight,the solderability and electrical performance may deteriorate. Do not store capacitors under
direct sunlight or dewing condition. To store products on the shelf and avoid exposure to moisture.
No.
Name
NPO
X7R, X5R, Y5V
1
Ceramic material
CaZrO3 based
BaTiO3 based
2
Inner electrode
Ni
3
Termination
Inner layer
Cu + Ag Polymer
4
Middle layer
Ni
5
Outer layer
Sn
Fig. 5 The construction of MLCC
a. Customer name
b. WTC order series and item number
c. Customer P/O
d. Customer P/N
e. Description of product
f. Quantity
g. Bar code including quantity & WTC P/N or customer
h. WTC P/N
i. Shipping date
j. Order bar code including series and item numbers
k. Serial number of label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com