công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST24E64EB3TR bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện ST24E64EB3TR
Giải thích chi tiết về linh kiện  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24E64EB3TR bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  ST24E64EB3TR Datasheet HTML 1Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 2Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 3Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 4Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 5Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 6Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 7Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 8Page - STMicroelectronics ST24E64EB3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI01205B
ST24E64
ST25E64
1
2
3
4
8
7
6
5
Figure 2A. DIP Pin Connections
1
AI01206C
2
3
4
8
7
6
5
SDA
VSS
SCL
WC
E1
E0
VCC
E2
ST24E64
ST25E64
Figure 2B. SO Pin Connections
Each memory is compatible with the I2C extended
addressing standard, two wire serial interface
which uses a bi-directional data bus and serial
clock. The ST24/25E64carry a built-in 4 bit, unique
device identification code (1010) corresponding to
the I2C bus definition. The ST24/25E64 behave as
DESCRIPTION (cont’d)
slave devices in the I2C protocol with all memory
operations synchronized by the serial clock. Read
and write operations are initiated by a START
conditiongenerated by the bus master. The START
condition is followed by a stream of 4 bits (identifi-
cation code 1010), 3 bit Chip Enable input to form
a 7 bit Device Select, plus one read/write bit and
terminated by an acknowledge bit.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
TLEAD
Lead Temperature, Soldering
(SO8)
(PSDIP8)
40 sec
10 sec
215
260
°C
VIO
Input or Output Voltages
–0.6 to 6.5
V
VCC
Supply Voltage
–0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)
(2)
4000
V
Electrostatic Discharge Voltage (Machine model)
(3)
500
V
Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and
other relevant quality documents.
2. 100pF through 1500
Ω; MIL-STD-883C, 3015.7
3. 200pF through 0
Ω; EIAJ IC-121 (condition C)
Table 2. Absolute Maximum Ratings (1)
2/16
ST24E64, ST25E64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16