| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TTL02IPR2L5JTL bảng dữ liệu(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION |
|
|
|||||||||||||||||||||||||||||
TTL02IPR2L5JTL bảng dữ liệu(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION |
|
7 / 12 page ![]() MOUNTING Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by automatic placement systems. Chip placement can be on ceramic substrates and printed-circuit boards (PCBs). Electrical connection to the circuit is by individual soldering condition. The end terminations guarantee a reliable contact. SOLDERING CONDITION The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260qC for 10 seconds. Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other discrete components on the reverse (mixed PCBs). Surface Mount Resistors are tested for solderability at 235qC during 2 seconds within lead-free solder bath. The test condition for no leaching is 260qC for 30 seconds. Typical examples of soldering profile and condition that provide reliable joints without any damage are given in Fig 3. and Table 1. Fig. 3 Infrared soldering profile for Chip Resistors Table 1. Infrared soldering condition for Chip Resistors Temperature Condition Exposure Time Average ramp-up rate (217qC to 260qC) Less than 3qC/second Between 150 and 200qC Between 60-120 seconds > 217qC Between 60-150 seconds Peak Temperature 260ºC +0/-5qC Time within 245qC Min. 30 seconds Ramp-down rate (Peak to 217qC) Less than 6qC/second Time from 25qC to Peak No greater than 480 seconds |