công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM-1435MM-QL bảng dữ liệu(PDF) 4 Page - DATEL, Inc.

tên linh kiện AM-1435MM-QL
Giải thích chi tiết về linh kiện  Ultra-Fast, Wideband Operational Amplifi ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DATEL [DATEL, Inc.]
Trang chủ  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AM-1435MM-QL bảng dữ liệu(HTML) 4 Page - DATEL, Inc.

  AM-1435MM-QL Datasheet HTML 1Page - DATEL, Inc. AM-1435MM-QL Datasheet HTML 2Page - DATEL, Inc. AM-1435MM-QL Datasheet HTML 3Page - DATEL, Inc. AM-1435MM-QL Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 5. CMRR vs. Frequency
120
110
100
90
80
70
60
50
40
30
20
2k
5k
10k
100k
1M
10M
100M
1k
FREQUENCY (Hz)
Figure 6. PSRR vs. Frequency
20
50
100
1k
10k
100k
1M
10
FREQUENCY (Hz)
100
90
80
70
60
50
40
14-PIN DIP
SEATING
PLANE
0.025 ±0.010
(0.635)
0.200 MAX.
(5.080)
0.160 MAX.
(4.064)
0.195 MAX.
(4.953)
0.500 MAX.
(12.70)
0.100 TYP.
(2.540)
0.100
(2.540)
0.300 ±0.010
(7.620)
0.100
(2.540)
0.600 ±0.005
(15.240)
0.805 MAX.
(20.45)
17
8
14
0.018 ±0.002
(0.457)
0.010 ±0.002
(0.254)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
MECHANICAL DIMENSIONS - INCHES (mm)
PERFORMANCE CHARTS
ORDERING INFORMATION: NON-ROHS MODELS
ORDERING INFORMATION: ROHS MODELS
MODEL NUMBER
OPERATING
TEMP. RANGE
MODEL NUMBER
OPERATING
TEMP. RANGE
AM-1435MC
0 to +70°C
AM-1435MC-C
0 to +70°C
AM-1435ME
–40 to +100°C
AM-1435ME-C
–40 to +100°C
AM-1435MM
–55 to +125°C
AM-1435MM-C
–55 to +125°C
AM-1435MM-QL
–55 to +125°C
AM-1435MM-QL-C
–55 to +125°C
© 2015 DATEL, Inc.
DATEL, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of
licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice.
www.datel.com • e-mail: help@datel.com
DATEL is a registered trademark of DATEL, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
ITAR and ISO 9001/14001 REGISTERED
AM-1435
Ultra-Fast, Wideband Operational Amplifiers
MDA_AM-1435.C02 Page 4 of 4



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com