công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MA730 bảng dữ liệu(PDF) 11 Page - Monolithic Power Systems

tên linh kiện MA730
Giải thích chi tiết về linh kiện  Rotary Knob Kit for the MagAlpha
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA730 bảng dữ liệu(HTML) 11 Page - Monolithic Power Systems

Back Button MA730 Datasheet HTML 3Page - Monolithic Power Systems MA730 Datasheet HTML 4Page - Monolithic Power Systems MA730 Datasheet HTML 5Page - Monolithic Power Systems MA730 Datasheet HTML 6Page - Monolithic Power Systems MA730 Datasheet HTML 7Page - Monolithic Power Systems MA730 Datasheet HTML 8Page - Monolithic Power Systems MA730 Datasheet HTML 9Page - Monolithic Power Systems MA730 Datasheet HTML 10Page - Monolithic Power Systems MA730 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume
any legal responsibility for any said applications.
EVKT-KNOB
www.MonolithicPower.com
11
12/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Maurer Magnetic
Maurer Magnetic has a selection of diametrically magnetized magnets well-suited for contactless rotary
angle applications. Samples of the types mentioned below should always be available with no lead time.
Figure 16: Cylinder Magnet,
Diametrically Magnetized
Figure 17: Ring Magnet,
Diametrically Magnetized
Table 9: Maurer Magnetic Diametrically Magnetized Magnets
OD (mm) ID (mm)
H (mm)
Material
Remanence (Br) (T)
Magnetization
Part Number
4.0
-
3.0
N35
1.2
Diametrical
M610403
4.0
-
3.0
Sm26/16-17
1.08
Diametrical
M410403
5.0
-
2.5
N35
1.2
Diametrical
M610502
5.0
-
2.5
Sm26/16-17
1.08
Diametrical
M410502
5.0
1.25
2.5
N35
1.2
Diametrical
M610512
5.0
1.25
2.5
Sm26/16-17
1.08
Diametrical
M410512
6.0
-
2.5
N35
1.2
Diametrical
M610602
6.0
-
2.5
Sm26/16-17
1.08
Diametrical
M410602
6.0
1.5
2.5
N35
1.2
Diametrical
M610612
6.0
1.5
2.5
Sm26/16-17
1.08
Diametrical
M410612
6.0
1.5
3.0
N35
1.2
Diametrical
M610613
6.0
1.5
3.0
Sm26/16-17
1.08
Diametrical
M410613
8.0
-
2.5
N35
1.2
Diametrical
M610802
8.0
-
2.5
Sm26/16-17
1.08
Diametrical
M410802



Html Pages

1 2 3 4 5 6 7 8 9 10 11