công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXSMCGLCE100 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation

tên linh kiện MXSMCGLCE100
Giải thích chi tiết về linh kiện  1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MXSMCGLCE100 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation

  MXSMCGLCE100 Datasheet HTML 1Page - Microsemi Corporation MXSMCGLCE100 Datasheet HTML 2Page - Microsemi Corporation MXSMCGLCE100 Datasheet HTML 3Page - Microsemi Corporation MXSMCGLCE100 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1500 WATT LOW CAPACITANCE
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
S C O T T S DA L E D I V I SI ON
SMCGLCE6.5 thru SMCGLCE170A, e3
SMCJLCE6.5 thru SMCJLCE170A, e3
Breakdown Voltage
VBR @ I(BR)
Volts
MICROSEMI
Part Number
Gull-Wing
“G”
Bend Lead
MICROSEMI
Part Number
Modified
“J”
Bend Lead
Reverse
Stand-Off
Voltage
VWM
Volts
MIN
MAX
mA
Maximum
Reverse
Leakage
@
VWM
ID
A
Maximum
Clamping
Voltage
@
IPP
VC
Volts
Maximum
Peak Pulse
Current
IPP
@10/1000
Amps
Maximum
Capacitance
@ 0 Volts
pF
VWIB
B
Working
Inverse
Blocking
Voltage
Volts
IIB
Inverse
Blocking
Leakage
Current
mA
VPIB
Peak
Inverse
Blocking
Voltage
Volts
SMCGLCE10
SMCGLCE10A
SMCGLCE11
SMCGLCE11A
SMCJLCE10
SMCJLCE10A
SMCJLCE11
SMCJLCE11A
10
10
11
11
11.1
11.1
12.2
12.2
13.6
12.3
14.9
13.5
1
1
1
1
5
5
5
5
18.8
17.0
20.1
18.2
80
88
74
82
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE12
SMCGLCE12A
SMCGLCE13
SMCGLCE13A
SMCJLCE12
SMCJLCE12A
SMCJLCE13
SMCJLCE13A
12
12
13
13
13.3
13.3
14.4
14.4
16.3
14.7
17.6
15.9
1
1
1
1
5
5
5
5
22.0
19.9
23.8
21.5
68
75
63
70
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE14
SMCGLCE14A
SMCGLCE15
SMCGLCE15A
SMCJLCE14
SMCJLCE14A
SMCJLCE15
SMCJLCE15A
14
14
15
15
15.6
15.6
16.7
16.7
19.1
17.2
20.4
18.5
1
1
1
1
5
5
5
5
25.8
23.2
26.9
24.4
58
65
56
61
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE16
SMCGLCE16A
SMCGLCE17
SMCGLCE17A
SMCJLCE16
SMCJLCE16A
SMCJLCE17
SMCJLCE17A
16
16
17
17
17.8
17.8
18.9
18.9
21.8
19.7
23.1
20.9
1
1
1
1
5
5
5
5
28.8
26.0
30.5
27.6
52
57
49
54
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE18
SMCGLCE18A
SMCGLCE20
SMCGLCE20A
SMCJLCE18
SMCJLCE18A
SMCJLCE20
SMCJLCE20A
18
18
20
20
20.0
20.0
22.2
22.2
24.4
22.1
27.1
24.5
1
1
1
1
5
5
5
5
32.2
29.2
35.8
32.4
45
51
42
46
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE22
SMCGLCE22A
SMCGLCE24
SMCGLCE24A
SMCJLCE22
SMCJLCE22A
SMCJLCE24
SMCJLCE24A
22
22
24
24
24.4
24.4
26.7
26.7
29.8
26.9
32.6
29.5
1
1
1
1
5
5
5
5
39.4
35.5
43.0
38.9
38
42
35
39
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE26
SMCGLCE26A
SMCGLCE28
SMCGLCE28A
SMCJLCE26
SMCJLCE26A
SMCJLCE28
SMCJLCE28A
26
26
28
28
28.9
28.9
31.1
31.1
353
31.9
38.0
34.4
1
1
1
1
5
5
5
5
46.6
42.1
50.1
45.5
32
36
30
33
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE30
SMCGLCE30A
SMCGLCE33
SMCGLCE33A
SMCJLCE30
SMCJLCE30A
SMCJLCE33
SMCJLCE33A
30
30
33
33
33.3
33.3
36.7
36.7
40.7
36.8
44.9
40.6
1
1
1
1
5
5
5
5
53.5
48.4
59.0
53.3
28
31
25.4
28.1
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE36
SMCGLCE36A
SMCGLCE40
SMCGLCE40A
SMCJLCE36
SMCJLCE36A
SMCJLCE40
SMCJLCE40A
36
36
40
40
40.0
40.0
44.4
44.4
48.9
44.2
54.3
49.1
1
1
1
1
5
5
5
5
64.3
58.1
71.4
64.5
23.3
25.8
21.0
23.3
100
100
100
100
75
75
75
75
1
1
1
1
100
100
100
100
SMCGLCE43
SMCGLCE43A
SMCGLCE45
SMCGLCE45A
SMCJLCE43
SMCJLCE43A
SMCJLCE45
SMCJLCE45A
43
43
45
45
47.8
47.8
50.0
50.0
58.4
52.8
61.1
55.3
1
1
1
1
5
5
5
5
76.7
69.4
80.3
72.7
19.5
21.6
18.7
20.6
100
100
100
100
150
150
150
150
1
1
1
1
200
200
200
200
SMCGLCE48
SMCGLCE48A
SMCGLCE51
SMCGLCE51A
SMCJLCE48
SMCJLCE48A
SMCJLCE51
SMCJLCE51A
48
48
51
51
53.3
53.3
56.7
56.7
65.1
58.9
69.3
62.7
1
1
1
1
5
5
5
5
85.5
77.4
91.1
82.4
17.5
19.4
16.5
18.2
100
100
100
100
150
150
150
150
1
1
1
1
200
200
200
200
SMCGLCE54
SMCGLCE54A
SMCGLCE58
SMCGLCE58A
SMCJLCE54
SMCJLCE54A
SMCJLCE58
SMCJLCE58A
54
54
58
58
60.0
60.0
64.4
64.4
73.3
66.3
78.7
71.2
1
1
1
1
5
5
5
5
96.3
87.1
103
93.6
15.6
17.2
14.6
16.0
100
100
100
100
150
150
150
150
1
1
1
1
200
200
200
200
SMCGLCE60
SMCGLCE60A
SMCGLCE64
SMCGLCE64A
SMCJLCE60
SMCJLCE60A
SMCJLCE64
SMCJLCE64A
60
60
64
64
66.7
66.7
71.1
71.1
81.5
73.7
86.9
78.6
1
1
1
1
5
5
5
5
107
96.8
114
103
14.0
15.5
13.2
14.6
90
90
90
90
150
150
150
150
1
1
1
1
200
200
200
200
SMCGLCE70
SMCGLCE70A
SMCGLCE75
SMCGLCE75A
SMCJLCE70
SMCJLCE70A
SMCJLCE75
SMCJLCE75A
70
70
75
75
77.8
77.8
83.3
83.3
95.1
85.0
102
92.1
1
1
1
1
5
5
5
5
125
113
134
121
12.0
13.3
11.2
12.4
90
90
90
90
150
150
150
150
1
1
1
1
200
200
200
200
SMCGLCE80
SMCGLCE80A
SMCGLCE90
SMCGLCE90A
SMCJLCE80
SMCJLCE80A
SMCJLCE90
SMCJLCE90A
80
80
90
90
88.7
88.7
100
100
108
98.0
122
111
1
1
1
1
5
5
5
5
142
129
160
146
10.6
11.6
9.4
10.3
90
90
90
90
150
150
300
300
1
1
1
1
200
200
200
200
SMCGLCE100
SMCGLCE100A
SMCGLCE110
SMCGLCE110A
SMCJLCE100
SMCJLCE100A
SMCJLCE110
SMCJLCE110A
100
100
110
110
111
111
122
122
136
123
149
135
1
1
1
1
5
5
5
5
179
162
196
178
8.4
9.3
7.7
8.4
90
90
90
90
300
300
300
300
1
1
1
1
200
200
400
400
SMCGLCE120
SMCGLCE120A
SMCGLCE130
SMCGLCE130A
SMCJLCE120
SMCJLCE120A
SMCJLCE130
SMCJLCE130A
120
120
130
130
133
133
144
144
163
147
176
159
1
1
1
1
5
5
5
5
214
193
231
209
7.0
7.8
6.5
7.2
90
90
90
90
300
300
300
300
1
1
1
1
400
400
400
400
SMCGLCE150
SMCGLCE150A
SMCGLCE160
SMCGLCE160A
SMCJLCE150
SMCJLCE150A
SMCJLCE160
SMCJLCE160A
150
150
160
160
167
167
178
178
204
185
218
197
1
1
1
1
5
5
5
5
268
243
287
259
5.6
6.2
5.2
5.8
90
90
90
90
300
300
300
300
1
1
1
1
400
400
400
400
SMCGLCE170
SMCGLCE170A
SMCJLCE170
SMCJLCE170A
170
170
189
189
231
209
1
1
5
5
304
275
4.9
5.4
90
90
300
300
1
1
400
400
NOTE 1: TVS are normally selected according to the reverse “Stand Off Voltage” (VWM) which should be equal to or greater than the dc or continuous
peak operating voltage level.
Microsemi
Scottsdale Division
Page 2
Copyright
2005
6-06-2005 REV D
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3 4