công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPI1021 bảng dữ liệu(PDF) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

tên linh kiện SPI1021
Giải thích chi tiết về linh kiện  Voltage- and Frequency-Relay SPI1021
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
Trang chủ  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

SPI1021 bảng dữ liệu(HTML) 2 Page - ZIEHL industrie-elektronik GmbH + Co KG

  SPI1021 Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG SPI1021 Datasheet HTML 2Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
79
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
AC/DC 24-270 V, 0/40...70 Hz, <5VA
DC: 20,4...297 V, AC: 20,4...297 V
2 change-over contacts
AC 15...530 V (< 5 V display 0)
AC 15...520 V
AC 10...310 V (< 5 V display 0)
AC 15...300 V
true RMS
adjustable1,0...99,9 V
±0,6% of measured value
±0,8% of measured value
>100V: ±1 digit (resolution 1 V)
<100V: ±1 digit (resolution 0,1 V)
3-phase with / without neutral, single phase
adjustable 0,05 (± 15ms)...130,0 s
adjustable 0 (= 40ms)...999 s
40...70 Hz
45,00...65,00 Hz
0,05...10,00 Hz
± 0,01 Hz ± 1 digit
adjustable 0,05 (± 15ms)...130,0 s
adjustable 0 (= 40ms)...999 s
0...45,0°
2,0...20,0°
< 50 ms
adjustable 3...240 s
adjustable 2...20 s
DC 15...37 V
> 3 mA
DC 15...35 V
> 3 mA
adjustable 0,5...99,0 s
V6
90 x 105 x 69 mm, mounting height 70 mm
1 x 4 mm2
1 x 2,5 mm2
IP30
IP20
DIN-rail 35 mm according to EN 60 715 or screws M4
ca. 250 g
Power supply
Rated supply voltage Us
Voltage phase-phase
Setting range phase-phase
Voltage phase-neutral
Setting range phase-neutral
Measurement method
Hysteresis
Measurement accuracy (with
neutral)
Measurement accuracy (without
neutral)
Accuracy of display
Measurement functions
Switching-delay (dAL)
Switching-back-delay (doF)
Measurement range
Setting range
Hysteresis
Measurement accuracy
Switching delay (dAL)
Switching-back-delay (doF)
Measurement range
Measurement range
Switching-delay (dAL)
Switching-back-delay (doF)
Delay at Us on
Switching voltage + U
Current INx
Switching voltage Y0...Y1
Current Y1
Switching time connected swit-
ches
Design
Dimensions (h x w x d)
Wiring connection single strand
Finely stranded with wire end
ferule
Protection housing
Protection terminals
Attachment
Weight
Housing
Relay output
Measuring voltage
Measuring frequency
Vector-Shift
Technical Data SPI1021
Digital inputs (INx)
Input Feedback contact
Voltage Monitoring Type SPI
2
2017-05-16



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com