công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL004D0LMAI011 bảng dữ liệu(PDF) 2 Page - SPANSION

tên linh kiện S25FL004D0LMAI011
Giải thích chi tiết về linh kiện  4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL004D0LMAI011 bảng dữ liệu(HTML) 2 Page - SPANSION

  S25FL004D0LMAI011 Datasheet HTML 1Page - SPANSION S25FL004D0LMAI011 Datasheet HTML 2Page - SPANSION S25FL004D0LMAI011 Datasheet HTML 3Page - SPANSION S25FL004D0LMAI011 Datasheet HTML 4Page - SPANSION S25FL004D0LMAI011 Datasheet HTML 5Page - SPANSION S25FL004D0LMAI011 Datasheet HTML 6Page - SPANSION S25FL004D0LMAI011 Datasheet HTML 7Page - SPANSION S25FL004D0LMAI011 Datasheet HTML 8Page - SPANSION S25FL004D0LMAI011 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
S25FL Family (Serial Peripheral Interface) S25FL004D
S25FL004D_00A0 June 28, 2004
Ad va n c e
In f o rm a t i o n
General Description
The S25FL004D device is a 3.0 Volt (2.7 V to 3.6 V) single power supply Flash memory
device. S25FL004D consists of eight sectors, each with 512 Kb memory.
Data appears on SI input pin when inputting data into the memory and on the SO output
pin when outputting data from the memory. The devices are designed to be programmed
in-system with the standard system 3.0 Volt VCC supply.
The memory can be programmed 1 to 256 bytes at a time, using the Page Program in-
struction.
The memory supports Sector Erase and Bulk Erase instructions.
Each device requires only a 3.0 Volt power supply (2.7 V to 3.6 V) for both read and write
functions. Internally generated and regulated voltages are provided for the program op-
erations. This device does not require VPP supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36