công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RFBPF2012091ALT bảng dữ liệu(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

tên linh kiện RFBPF2012091ALT
Giải thích chi tiết về linh kiện  ISM 2.4GHz Band Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Trang chủ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFBPF2012091ALT bảng dữ liệu(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

  RFBPF2012091ALT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Approval sheet
Page 7 of 7
ASC_ RFBPF2012090ALT_V03
May 2017
Reel dimensions
A
B
C
Taping Quantity: 2
000 pieces per 7” reel
CAUTION OF HANDLING
Limitation of Applications
Please contact us before using our products for the applications listed below which require especially high reliability for
the prevention of defects, which might directly cause damage to the third party’s life, body or property.
(1)
Aircraft equipment
(2)
Aerospace equipment
(3)
Undersea equipment
(4)
Medical equipment
(5)
Disaster prevention / crime prevention equipment
(6)
Traffic signal equipment
(7)
Transportation equipment (vehicles, trains, ships, etc.)
(8)
Applications of similar complexity and /or reliability requirements to the applications listed in the above.
Storage condition
(1)
Products should be used in 6 months from the day of WALSIN outgoing inspection.
(2)
Storage environment condition.
Products should be storage in the warehouse on the following conditions.
Temperature
: +5 to +40℃
Humidity
: 30 to 70% relative humidity
Don’t keep products in corrosive gases such as sulfur. Chlorine gas or acid or it may cause oxidization of
electrode, resulting in poor solderability.
Products should be storage on the palette for the prevention of the influence from humidity, dust and son on.
Products should be storage in the warehouse without heat shock, vibration, direct sunlight and so on.
Products should be storage under the airtight packaged condition.
Index
A
B
C
Dimension (mm)
Φ178.0
Φ60.0
Φ13.0



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com