công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TTL02IPR005DTL bảng dữ liệu(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

tên linh kiện TTL02IPR005DTL
Giải thích chi tiết về linh kiện  High Power Thin Film Current Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Trang chủ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02IPR005DTL bảng dữ liệu(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button TTL02IPR005DTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION TTL02IPR005DTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for
handling by automatic placement systems.
Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition.
The end terminations guarantee a reliable contact.
SOLDERING CONDITION
The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260qC
for 10 seconds. Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other
discrete components on the reverse (mixed PCBs).
Surface Mount Resistors are tested for solderability at 235qC during 2 seconds within lead-free solder bath.
The test condition for no leaching is 260qC for 30 seconds. Typical examples of soldering profile and
condition that provide reliable joints without any damage are given in Fig 3. and Table 1.
Fig. 3 Infrared soldering profile for Chip Resistors
Table 1. Infrared soldering condition for Chip Resistors
Temperature Condition
Exposure Time
Average ramp-up rate (217qC to 260qC)
Less than 3qC/second
Between 150 and 200qC
Between 60-120 seconds
> 217qC
Between 60-150 seconds
Peak Temperature
260ºC +0/-5qC
Time within 245qC
Min. 30 seconds
Ramp-down rate (Peak to 217qC)
Less than 6qC/second
Time from 25qC to Peak
No greater than 480 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com