công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RFASWE660DTF03 bảng dữ liệu(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

tên linh kiện RFASWE660DTF03
Giải thích chi tiết về linh kiện  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Trang chủ  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWE660DTF03 bảng dữ liệu(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWE660DTF03 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWE660DTF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWE660DTF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWE660DTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWE660DTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWE660DTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWE660DTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWE660DTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWE660DTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Approval Sheet
Page 2 of 14
ASC_RFASWE660DTF03_V03
Sep. 2017
FEATURES
Low Insertion Loss and Low Distortion
:
Broadband frequency range
:0.7 to 2.7 GHz
High Isolation and linearity
:
Integrated MIPI RFFE Slave Controller
:
High ESD tolerance of 2kV HBM at all pins
:
Small QFN package (20-pin, 2.4 x 2.4 x 0.45 mm3)
:
Moisture Sensitive Level 3 (MSL3)
:
Description
The RFASWE660DTF03 is a Single Pole, Ten Throw (SP10T) antenna switch with an integrated Mobile Industry
Processor Interface (MIPI) controller. Using an advanced switching technology, the RFASWE660DTF03 maintains
low insertion and high isolation, which makes it an ideal choice for UMTS, CDMA2000, EDGE, GSM, and LTE
applications.
The design integrated ten low loss TRX ports. The switch also has an excellent 2nd/3rd Order Intermodulation
Distortion (IMD2/IMD3) performance.
Switching is controlled by the MIPI decoder and High ESD tolerance of 2kV HBM at all pins.
No blocking capacitor requirements on the RF paths as long as no DC voltage are applied. The RFASWE660DTF03
is manufactured in a compact, 2.4 x 2.4 x 0.45 mm3 package.
The functional block diagram is shown in Figure 1. The pin assignment and package are shown in Figure 2. Signal
pin assignments and functional pin descriptions are provided in Table 1.
Application
2G/3G/4G multimode cellular handsets (LTE, UMTS, CDMA2000, EDGE, GSM, TDD-LTE, TD-SCDMA)
Block Diagram and Pin Out (Top View)
Figure 1. RFASWE660DTF03 Block Diagram
Figure 2. RFASWE660DTF03 Pin assignment
TRX1
TRX2
TRX3
TRX4
TRX5
TRX6
TRX7
TRX8
ANT
VIO
SDATA
SCLK
VDD
RFFE Slave
Controller
Power Supply
(with Charge Pump)
TRX9
TRX10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
20 19
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com