| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9883 bảng dữ liệu(PDF) 8 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
9883 bảng dữ liệu(HTML) 8 Page - Intel Corporation |
|
8 / 56 page ![]() LXT9883/9863 — Advanced 10/100 Unmanaged Repeater 8 Datasheet Document #: 249115 Revision #: 003 Rev. Date: 08/07/01 2.0 Pin Assignments and Signal Descriptions Figure 2. LXT9883 Pin Assignments Package Topside Markings Marking Definition Part # LXT9883 is the unique identifier for this product family. Rev # Identifies the particular silicon “stepping” (Refer to Specification Update for additional stepping information.) Lot # Identifies the batch. FPO # Identifies the Finish Process Order. RESET....... 53 CLK25....... 54 N/C....... 55 N/C....... 56 N/C....... 57 N/C....... 58 N/C....... 59 N/C....... 60 VCC....... 61 GND....... 62 N/C....... 63 N/C....... 64 N/C....... 65 N/C....... 66 N/C....... 67 N/C....... 68 N/C....... 69 N/C....... 70 N/C....... 71 FPS....... 72 N/C....... 73 VCC....... 74 GND....... 75 VCC....... 76 VCC....... 77 RPS_FAULT....... 78 RPS_PRES....... 79 MACACTIVE....... 80 HOLDCOL....... 81 LEDCLK....... 82 LEDDAT....... 83 LEDLAT....... 84 VCC....... 85 GND....... 86 ORT1_LED3....... 87 ORT1_LED2....... 88 ORT1_LED1....... 89 GND....... 90 ORT2_LED3....... 91 ORT2_LED2....... 92 ORT2_LED1....... 93 GND....... 94 ORT3_LED3....... 95 ORT3_LED2....... 96 ORT3_LED1....... 97 GND....... 98 ORT4_LED3....... 99 ORT4_LED2....... 100 ORT4_LED1....... 101 RBIAS....... 102 GND....... 103 TPIP1....... 104 208 ....... MII2_RXD3 207 ....... MII2_RXD2 206 ....... MII2_RXD1 205 ....... MII2_RXD0 204 ....... MII2_RXDV 203 ....... MII2_RXCLK 202 ....... MII2_RXER 201 ....... N/C 200 ....... VCC 199 ....... GND 198 ....... N/C 197 ....... MII2_TXER 196 ....... MII2_TXCLK 195 ....... MII2_TXEN 194 ....... MII2_TXD0 193 ....... MII2_TXD1 192 ....... MII2_TXD2 191 ....... MII2_TXD3 190 ....... VCC 189 ....... GND 188 ....... MII2_COL 187 ....... MII2_CRS 186 ....... COL100_LED 185 ....... LEDSEL1/COL10_LED 184 ....... LEDSEL0/ACT100_LED 183 ....... AUTOBLINK/ACT10_LED 182 ....... N/C 181 ....... GND 180 ....... VCC 179 ....... GND 178 ....... N/C 177 ....... VCC 176 ....... PORT8_LED1* 175 ....... PORT8_LED2*/LEDABGSEL 174 ....... PORT8_LED3* 173 ....... VCC 172 ....... GND 171 ....... PORT7_LED1* 170 ....... PORT7_LED2* 169 ....... PORT7_LED3* 168 ....... GND 167 ....... PORT6_LED1 166 ....... PORT6_LED2 165 ....... PORT6_LED3 164 ....... GND 163 ....... PORT5_LED1 162 ....... PORT5_LED2 161 ....... PORT5_LED3 160 ....... TxSLEW_1 159 ....... TxSLEW_0 158 .......GND 157 .......*TPIP8 * Indicates LXT9883-only pins. TP Ports 7 and 8 are not available on LXT9863 LXT9883 XX XXXXXX XXXXXXXX Part # LOT # FPO # Part # LOT # FPO # Rev # |