| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS9236-CQ bảng dữ liệu(PDF) 13 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS9236-CQ bảng dữ liệu(HTML) 13 Page - Cirrus Logic |
|
13 / 34 page ![]() CS9236 DS214PP11 13 MIDI IMPLEMENTATION The CS9236 MIDI interpreter responds to all MIDI messages specified for General MIDI Level 1.0 compliance. The GM messages include NOTE ON, NOTE OFF, PROGRAM CHANGE, CHANNEL PRESSURE, PITCH BEND CHANGE, MODULATION WHEEL (Controller 1), DATA ENTRY (Controllers 6 & 18), VOLUME (Controller 7), PAN (Controller 10), EXPRESSION (Controller 11), DAMPER PEDAL/SUSTAIN (Controller 64), PITCH BEND SENSI- TIVITY (RPN 00), FINE TUNING (RPN 01), COARSE TUNING (RPN 02), RESET ALL CONTROLLERS, and ALL NOTES OFF. In addition, the CS9236 MIDI interpreter responds to SOS- TENUTO (Controller 66), EFFECT 1/REVERB SEND LEVEL (Controller 91), EFFECT 3/CHORUS SEND LEV- EL (Controller 93), ALL SOUNDS OFF, OMNI MODE OFF (treated as ALL NOTES OFF), OMNI MODE ON (treated as ALL NOTES OFF), MONO MODE ON, POLY MODE ON, ACTIVE SENSING, SYSTEM RESET, and System Exclu- sive messages (System Exclusive messages may be used to enable/disable channel pressure and to enable/disable internal test mode). The MIDI interpreter correctly interprets MIDI data streams transmitted using Running Status. “Running Status” is appli- cable to Channel Voice messages and to Channel Mode Mes- sages as follows: when a group of sequential messages in a MIDI data stream should have the same status byte value, the status byte must be included for the first message in the group, but may be omitted for the subsequent messages of the same status byte value. Running status allows long strings of Channel Voice or Channel Mode messages to be sent using only data bytes, with the status byte inferred by the last Chan- nel Voice or Channel Mode status byte received. A message with a different status byte value will reset the running status. Note that even messages which are “ignored” or not other- wise processed by the CS9236 will reset the running status mode. Real-Time messages are an exception to this rule: Real-Time messages do not affect running status. A MIDI Implementation Chart for the CS9236 is given in Ta- ble 3. Channel Voice Messages Channel Voice messages are used to control instrument voic- es. Channel Voice messages consist of a status byte followed by one or two data bytes. Channel Voice messages which are processed by the CS9236 include the NOTE ON, NOTE OFF, CONTROL CHANGE, PROGRAM CHANGE, PITCH BEND CHANGE, and CHANNEL PRESSURE messages. Control Change Messages The CS9236 processes MIDI Controller numbers 1 (MODU- LATION WHEEL), 6 (DATA ENTRY MSB), 7 (CHAN- NEL VOLUME), 10 (PAN), 11 (EXPRESSION), 38 (DATA ENTRY LSB), 64 (DAMPER PEDAL), 66 (SOSTENUTO), 91 (REVERB DEPTH), 93 (CHORUS DEPTH), 100 (Regis- ter Parameter LSB), 101 (Register Parameter MSB), 120 (ALL SOUNDS OFF), and 121 (RESET ALL CONTROL- LERS). Registered Parameters MIDI “Registered Parameter” data is transmitted to the CS9236 using controller numbers 100 (Registered Parameter LSB), 101 (Registered Parameter MSB), 6 (Data Entry MSB), and 38 (Data Entry LSB). To transfer parameter data to the CS9236, the parameter number for the parameter to be updated is first selected using MIDI Controllers 100 and 101, and then the data value for the selected parameter is transmit- ted using controller numbers 6 and 38. The CS9236 responds to the MIDI Registered Parameters for PITCH BEND SEN- SITIVITY (RPN00), FINE TUNING (RPN01), and COARSE TUNING (RPN02). Channel Mode Messages The CS9236, like other popular synthesizer products, oper- ates in a mode sometimes referred to as “Multimode”, de- scribed as follows: The CS9236 MIDI controller consists of 16 receiver channels (one receiver channel for each of the 16 MIDI channels). Each receiver channel receives MIDI messages on it's dedi- cated MIDI channel. Each receiver channel can also receive MODE messages on it's dedicated MIDI channel (the MIDI channel for each receiver is also the “basic channel” for that receiver) as follows: Each receiver channel is considered to operate only in OMNI OFF mode, (each receiver channel can only receive data on one MIDI channel). When a receiver channel receives an OMNI ON message, it stops all ongoing notes but remains in OMNI OFF mode. Each receiver channel can accept a POLY ON message or a MONO ON message. The POLY ON message sets the receiv- |