công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM239AD bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện LM239AD
Giải thích chi tiết về linh kiện  Quad Single Supply Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM239AD bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  LM239AD Datasheet HTML 1Page - ON Semiconductor LM239AD Datasheet HTML 2Page - ON Semiconductor LM239AD Datasheet HTML 3Page - ON Semiconductor LM239AD Datasheet HTML 4Page - ON Semiconductor LM239AD Datasheet HTML 5Page - ON Semiconductor LM239AD Datasheet HTML 6Page - ON Semiconductor LM239AD Datasheet HTML 7Page - ON Semiconductor LM239AD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
October, 1999 – Rev. 3
1
Publication Order Number:
LM339/D
LM339, LM339A, LM239,
LM239A, LM2901, M2901V,
MC3302
Quad Single Supply
Comparators
These comparators are designed for use in level detection, low–level
sensing and memory applications in consumer automotive and
industrial electronic applications.
• Single or Split Supply Operation
• Low Input Bias Current: 25 nA (Typ)
• Low Input Offset Current: ±5.0 nA (Typ)
• Low Input Offset Voltage: ±1.0 mV (Typ) LM139A Series
• Input Common Mode Voltage Range to Gnd
• Low Output Saturation Voltage: 130 mV (Typ) @ 4.0 mA
• TTL and CMOS Compatible
• ESD Clamps on the Inputs Increase Reliability without Affecting
Device Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
Vdc
LM239, A/LM339A/LM2901, V
+36 or
±18
MC3302
+30 or
±15
Input Differential Voltage Range
VIDR
Vdc
LM239, A/LM339A/LM2901, V
36
MC3302
30
Input Common Mode Voltage Range
VICMR
–0.3 to VCC
Vdc
Output Short Circuit to Ground (Note 1)
ISC
Continuous
Power Dissipation @ TA = 25°C
PD
Plastic Package
1.0
W
Derate above 25
°C
8.0
mW/
°C
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
°C
LM239, A
–25 to +85
MC3302
–40 to +85
LM2901
–40 to +105
LM2901V
–40 to +125
LM339, A
0 to +70
Storage Temperature Range
Tstg
–65 to +150
°C
NOTE: 1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC.
Output short circuits to VCC can cause excessive heating and eventual destruction.
http://onsemi.com
PIN CONNECTIONS
14
1
14
1
N, P SUFFIX
CASE 646
SO–14
D SUFFIX
CASE 751A
3
2
1
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
– Input 1
Output 1
Output 3
Output 4
+ Input 1
– Input 2
+ Input 2
+ Input 4
– Input 4
+ Input 3
– Input 3
VCC
Gnd
)
*
)
*
4
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
Figure 1. Circuit Schematic
VCC
+ Input
– Input
Output
Gnd
NOTE: Diagram shown is for 1 comparator.


Số phần tương tự - LM239AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
LM239AD MOTOROLA-LM239AD Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
STMicroelectronics
LM239AD STMICROELECTRONICS-LM239AD Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
logo
Texas Instruments
LM239AD TI-LM239AD Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
LM239AD TI-LM239AD Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM239AD TI-LM239AD Datasheet
743Kb / 25P
QUAD DIFFERENTIAL COMPARATORS
More results

Mô tả tương tự - LM239AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
Single Supply Quad Comparators
November, 2010 ??Rev. 19
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
Quad Single Supply Comparators
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
Single Supply Quad Comparators
October, 2014 ??Rev. 0
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com