công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AHE2805S/ES-SLV bảng dữ liệu(PDF) 5 Page - International Rectifier

tên linh kiện AHE2805S/ES-SLV
Giải thích chi tiết về linh kiện  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

AHE2805S/ES-SLV bảng dữ liệu(HTML) 5 Page - International Rectifier

  AHE2805S/ES-SLV Datasheet HTML 1Page - International Rectifier AHE2805S/ES-SLV Datasheet HTML 2Page - International Rectifier AHE2805S/ES-SLV Datasheet HTML 3Page - International Rectifier AHE2805S/ES-SLV Datasheet HTML 4Page - International Rectifier AHE2805S/ES-SLV Datasheet HTML 5Page - International Rectifier AHE2805S/ES-SLV Datasheet HTML 6Page - International Rectifier AHE2805S/ES-SLV Datasheet HTML 7Page - International Rectifier AHE2805S/ES-SLV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
AHE28XXS Series
Connecting the inhibit input (Pin 2) to input common (Pin 10)
will cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector device
capable of sinking at least 400µA of current. The open cir-
cuit voltage of the inhibit input is 11.5 ±1 VDC.
AHE28XXS Block Diagram
Application Information
Inhibit Function
EMI Filter
An EMI filter (AFC461), available as an option, will reduce
the input ripple current to levels below the limits imposed by
MIL-STD-461B CEO.
Output Voltage Adjustment (AHE2805 only)
The output voltage of the AHE2805S converter can be
adjusted upward by connecting an appropriate resistor
between Output Adjust (Pin 3) and Output Common
(Pin 4) as shown in Table 1 below.
Table 1 Output adjustment resistor values
5
4
+V ou t
Re tu rn
P u ls e W idth
Mo du lato r
EM I
Filter
1
2
10
+ Input
E nable
Input
Re tu rn
Error
Am p &
Re f
3V
AD J
FB
Drive 1
Drive 2
9
S y nc
Resistance Pin 3 to 4 (
Ω)
Output Voltage Increases (%)
None
0
390K
+1%
145K
+2%
63K
+3%
22K
+4%
0
+5%



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com